Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3921 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # 3921
Description  SHUNT RESISTOR AUTOMOTIVE GRADE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

3921 Datasheet(HTML) 5 Page - YAGEO Corporation

  3921 Datasheet HTML 1Page - YAGEO Corporation 3921 Datasheet HTML 2Page - YAGEO Corporation 3921 Datasheet HTML 3Page - YAGEO Corporation 3921 Datasheet HTML 4Page - YAGEO Corporation 3921 Datasheet HTML 5Page - YAGEO Corporation 3921 Datasheet HTML 6Page - YAGEO Corporation 3921 Datasheet HTML 7Page - YAGEO Corporation 3921 Datasheet HTML 8Page - YAGEO Corporation 3921 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Chip Resistor Surface Mount
Product specification
5
9
SERIES
PU
2512/ 3921/ 5931
www.yageo.com
Jul. 08, 2022 V.9
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
High Temperature Range Type:
-65°C to +275°C (Fig. 5-1)
Normal Temperature Range Type:
-65°C to +170°C (Fig. 5-2)
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Standard rated power at 70°C:
PU2512 = 4W
PU3921 = 3W
PU5931 = 5W
For detail power value, please refer to Table 2.
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V =
)
(
PxR
Where
V = Continuous rated DC or
AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (Ω)
Fig. 5-1
Maximum dissipation (Pmax) in percentage of rated
power as a function of the operating ambient
temperature (Tamb)
MRA633-3
75
125
65
25
0
-25
20
100
170
40
60
80
70
Ambient Temperature ( C)
175
225
275
Fig. 5-2
Maximum dissipation (Pmax) in percentage of rated
power as a function of the operating ambient
temperature (Tamb)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com