Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC348LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC348LP3
Description  GaAs MMIC SPDT NON-REFLECTIVE CATV SWITCH, DC - 2.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC348LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC348LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8
8 - 218
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Application Circuit
The value of capacitors C1 & C2 are critical for low frequency isolation performance below 500 MHz. 3300 pF 0402 size capacitors
are recommended for optimal isolation down to 5 MHz. If the frequency of operation is above 500 MHz then 100 pF to 300 pF 0402
capacitors will be sufficient.
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1
Vdd
Supply Voltage +5V ±10%
2, 4, 5, 6,
9, 12, 15,16
N/C
These pins should be connected to PCB RF ground
to maximize isolation.
3, 7, 14
RFC, RF1, RF2
These pins are DC coupled and matched to 75 Ohms.
Blocking capacitors are required.
8, 13
ACG1, ACG2
External capacitors to ground are required.
Select value for optimal isolation below 500 MHz.
10
B
See truth table and control voltage table.
11
A
See truth table and control voltage table.
HMC348LP3 / 348LP3E
GaAs MMIC SPDT NON-REFLECTIVE
CATV SWITCH, DC - 2.5 GHz
v05.0805



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com