Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC348LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC348LP3
Description  GaAs MMIC SPDT NON-REFLECTIVE CATV SWITCH, DC - 2.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC348LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC348LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
8
8 - 219
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB (50 Ohms)
The circuit board used in the final application should
be generated with proper RF circuit design tech-
niques. Signal lines at the RF port should have 50
ohm impedance and the package ground leads and
package bottom should be connected directly to the
ground plane similar to that shown above. The eval-
uation circuit board shown above is available from
Hittite Microwave Corporation upon request.
Item
Description
J1 - J3
PCB Mount SMA RF Connector
J4 - J7
DC Pin
R1 - R2
100 Ohm Resistor, 0402 Pkg.
C1, C2, C4 - C7
3300 pF Capacitor, 0402 Pkg.
C3
4.7 uF Tantalum Capacitor
U1
HMC348LP3 / HMC348LP3E
SPDT Switch
PCB [2]
106255 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC348LP3 / 348LP3E
GaAs MMIC SPDT NON-REFLECTIVE
CATV SWITCH, DC - 2.5 GHz
v05.0805
List of Materials for Evaluation PCB 106343 [1]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com