Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF50 100K. Datasheet(PDF) 1 Page - Multicomp Pro

Part # MF50 100K.
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF50 100K. Datasheet(HTML) 1 Page - Multicomp Pro

  MF50 100K. Datasheet HTML 1Page - Multicomp Pro MF50 100K. Datasheet HTML 2Page - Multicomp Pro MF50 100K. Datasheet HTML 3Page - Multicomp Pro MF50 100K. Datasheet HTML 4Page - Multicomp Pro MF50 100K. Datasheet HTML 5Page - Multicomp Pro MF50 100K. Datasheet HTML 6Page - Multicomp Pro MF50 100K. Datasheet HTML 7Page - Multicomp Pro MF50 100K. Datasheet HTML 8Page - Multicomp Pro MF50 100K. Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Page <1>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• EIA standard colour-coding
• Non-Flame type available
• Low noise and voltage coefficient
• Low temperature coefficient range
• Wide precision range in small package
• Too low or too high ohmic value can be supplied on a case to case basic
• Nichrome resistor element provides stable performance in various environments
• Multiple epoxy coating on vacuum-deposited metal film provides superior moisture protection
Performance Specification
Temperature Coefficient
: Within the maximum temperature coefficient specified.
Short Time Overload
: ±(0.5% +0.05Ω)Max. with no evidence of mechanical damage.
Insulation Resistance
: Min. 1,000MΩ
Dielectric Withstanding Voltage : No evidence of flashover, mechanical damage,
arcing or insulation breakdown.
Pulse Overload
: ±(1% +0.05Ω) Max. with no evidence of mechanical damage.
Terminal Strength
: No evidence of mechanical damage.
Resistance to Soldering Heat
: ±(1% +0.05Ω)Max. with no evidence of mechanical damage.
Solderability
: Min. 95% coverage
Resistance to Solvent
: No deterioration of protective coating and markings
Temperature Cycling
: ±(1% +0.05Ω) Max. with no evidence of mechanical damage.
Humidity (Steady state)
: ±(2% +0.05Ω) Max. with no evidence of mechanical damage.
Load Life in Humidity
: Normal Type
: ±(1.5% +0.05Ω)Max.
Non-Flame Type : ±(5% +0.05Ω)Max.
Load Life
: Normal Type
: ±(1.5% +0.05Ω)Max.
Non-Flame Type : ±(5% +0.05Ω)Max.


Similar Part No. - MF50 100K.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF50 ETC2-MF50 Datasheet
228Kb / 5P
Metal Film Resistors
logo
Riedon Powertron
MF50 RIEDON-MF50 Datasheet
237Kb / 1P
Film Resistors
logo
Laird Tech Smart Techno...
MF500F LSTD-MF500F Datasheet
138Kb / 2P
HIGH TEMPERATURE MAGNETICALLY LOADED MACHINABLE STOCK
logo
List of Unclassifed Man...
MF50A00B1-1000U-A99 ETC-MF50A00B1-1000U-A99 Datasheet
327Kb / 14P
MagLev Motor Fan
11.30.2017
MF50A00O1-1000U-A99 ETC-MF50A00O1-1000U-A99 Datasheet
327Kb / 14P
MagLev Motor Fan
11.30.2017
More results

Similar Description - MF50 100K.

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
Precision Metal Film Resistor Networks
logo
KOA Speer Electronics, ...
MF1ECT521 KOA-MF1ECT521 Datasheet
102Kb / 2P
general purpose metal film leaded resistor
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
Ultra Precision Metal Film Resistor
RC-RC55LFB6K8FA IRCTT-RC-RC55LFB6K8FA Datasheet
225Kb / 3P
Precision Metal Film Resistor
logo
Riedon Powertron
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
Precision Metal Film Resistor Networks
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
PRECISION METAL FILM LEADED RESISTORS
logo
C&B ELECTRONICS (SHENZH...
MMFR RESI-MMFR Datasheet
533Kb / 7P
Precision Metal Film Molded Resistor
logo
List of Unclassifed Man...
MCMF ETC-MCMF Datasheet
568Kb / 7P
Metal Film Fixed Resistor
25/11/19 V1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com