Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGG Datasheet(PDF) 17 Page - LEMO Connectors

Part # FGG
Description  T SERIES IP 68 PUSH-PULL CONNECTORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FGG Datasheet(HTML) 17 Page - LEMO Connectors

Back Button FGG Datasheet HTML 13Page - LEMO Connectors FGG Datasheet HTML 14Page - LEMO Connectors FGG Datasheet HTML 15Page - LEMO Connectors FGG Datasheet HTML 16Page - LEMO Connectors FGG Datasheet HTML 17Page - LEMO Connectors FGG Datasheet HTML 18Page - LEMO Connectors FGG Datasheet HTML 19Page - LEMO Connectors FGG Datasheet HTML 20Page - LEMO Connectors FGG Datasheet HTML 21Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
15
www.lemo.com
®
®
DISCLAIMER The information contained within this catalog and the functions offered are intended to provide information about products. All reasonable efforts have been made to ensure the accuracy of the
information. However, LEMO cannot be held responsible for any errors. LEMO does not warrant the accuracy and reserves the right to make changes to the catalog and its functions at any time without notice.
ø A
L
ø B
● Material: CuSnZn plated brass (2 µm)
GCA Earthing washers
TT
0T
1T
2T
3T
Series
GCA.00.255.LT
GCA.0S.255.LT
GCA.1S.255.LT
GCA.2S.255.LT
GCA.3S.255.LT
Part number
9.5
7.1
0.4
18.2
13.0
9.1
0.4
22.0
17.0 12.2
0.5
27.5
20.0 15.2
0.5
32.0
25.0 18.2
0.5
39.0
Dimensions (mm)
A
B
L
N
L
Bend relief (TPU)
2.5
22
2.5
2.8
2.8
22
2.8
3.1
3.2
22
3.2
3.5
2.5
22
2.5
2.8
2.8
22
2.8
3.1
3.2
22
3.2
3.5
GMB.00.025.DG
GMB.00.028.DG
GMB.00.032.DG
GMD.00.025.DG
GMD.00.028.DG
GMD.00.032.DG
Bend relief
Cable ø
A
L
min.
max.
4.0
36
4.0
4.5
4.5
36
4.5
5.0
5.0
36
5.0
5.5
6.0
36
6.0
6.5
7.0
36
7.0
7.7
7.8
36
7.8
8.8
GMA.2B.040.DG
GMA.2B.045.DG
GMA.2B.050.DG
GMA.2B.060.DG
GMA.2B.070.DG
GMA.2B.080.DG
4.5
42
4.5
5.2
6.0
42
6.0
6.9
7.0
42
7.0
7.9
8.0
42
8.0
8.9
9.0
42
9.0
10.0
GMA.3B.050.DG
GMA.3B.060.DG
GMA.3B.070.DG
GMA.3B.080.DG
GMA.3B.090.DG
Part number
Bend relief
Cable ø
A
L
min.
max.
Part number
Note: all dimensions are in millimetres.
blue
white
grey
A
B
G
Colour
Ref.
yellow
brown
black
J
M
N
Colour
Ref.
red
orange
green
R
S
V
Colour
Ref.
Note: the last letter «G» of the part number indicates the grey colour of
the bend relief. For ordering a bend relief with another colour, see table
above and replace the letter «G» by the letter of the required colour.
2.5
24
2.5
2.9
3.0
24
3.0
3.4
3.5
24
3.5
3.9
4.0
24
4.0
4.4
4.5
24
4.5
5.2
GMA.0B.025.DG
GMA.0B.030.DG
GMA.0B.035.DG
GMA.0B.040.DG
GMA.0B.045.DG
2.5
30
2.5
2.9
3.0
30
3.0
3.4
3.5
30
3.5
3.9
4.0
30
4.0
4.4
4.5
30
4.5
4.9
5.4
30
5.4
6.0
6.5
30
6.5
7.0
GMA.1B.025.DG
GMA.1B.030.DG
GMA.1B.035.DG
GMA.1B.040.DG
GMA.1B.045.DG
GMA.1B.054.DG
GMA.1B.065.DG
TT
0T
1T
2T
3T
A bend relief made from thermoplastic polyurethane elas-
tomer can be fitted over LEMO plugs and sockets that are
supplied with nut for fitting such bend relief.
They are available in nine different colours match with the
GRA insulating washers.
Use the part numbers shown below to order this accessory
separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com