Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGG Datasheet(PDF) 24 Page - LEMO Connectors

Part # FGG
Description  T SERIES IP 68 PUSH-PULL CONNECTORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FGG Datasheet(HTML) 24 Page - LEMO Connectors

Back Button FGG Datasheet HTML 20Page - LEMO Connectors FGG Datasheet HTML 21Page - LEMO Connectors FGG Datasheet HTML 22Page - LEMO Connectors FGG Datasheet HTML 23Page - LEMO Connectors FGG Datasheet HTML 24Page - LEMO Connectors FGG Datasheet HTML 25Page - LEMO Connectors FGG Datasheet HTML 26Page - LEMO Connectors FGG Datasheet HTML 27Page - LEMO Connectors FGG Datasheet HTML 28Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
22
www.lemo.com
®
®
DISCLAIMER The information contained within this catalog and the functions offered are intended to provide information about products. All reasonable efforts have been made to ensure the accuracy of the
information. However, LEMO cannot be held responsible for any errors. LEMO does not warrant the accuracy and reserves the right to make changes to the catalog and its functions at any time without notice.
Terminating of plugs with solder contacts and cable collet
Cable preparation
1. Strip the cable according to the given dimensions.
(The end of the cable jacket must be cut properly).
Cable termination
2. Slide it into the collet nut ➀, the collet ➁, the gland
➂ and the earthing cone ➃.
3. In case of a screened cable, fold screen back
over the extremity of the earthing cone.
Arrange the conductors according to the insulator
➄ marking by avoiding to twist them.
Fit conductor into the contacts ➅ and solder.
Verify that insulator and insulation remain clean.
4. Locate the slotted upper half ➆ of the split insert
carrier over the shoulder and key on the insulator
then align and press together the other half ➇ to
form a complete cylinder.
Push the earthing cone against the insert carriers
whilst checking that the screen is being clamped
around the whole circumference and cut, if nec-
essary, the excess screen.
Push the gland, and collet against the earthing
cone. Push the cable forward and verify that cable
jacket is located under the gland.
5. Next slide the plug shell ➈ over the insulator
assembly making sure that the key on the insert
carrier goes into the keyway (under the color point)
inside the shell.
Locate the key of the collet into the slot of the
shell. Finally screw the collet nut with the appropriate
tool and tighten to the maximum torque value
(see page 20).
Solder
➀
➁
➂ ➃
➅
➇
➈
1
2
3
4
5
➆
➄



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com