Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGG Datasheet(PDF) 13 Page - LEMO Connectors

Part # HGG
Description  T SERIES IP 68 PUSH-PULL CONNECTORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

HGG Datasheet(HTML) 13 Page - LEMO Connectors

Back Button HGG Datasheet HTML 9Page - LEMO Connectors HGG Datasheet HTML 10Page - LEMO Connectors HGG Datasheet HTML 11Page - LEMO Connectors HGG Datasheet HTML 12Page - LEMO Connectors HGG Datasheet HTML 13Page - LEMO Connectors HGG Datasheet HTML 14Page - LEMO Connectors HGG Datasheet HTML 15Page - LEMO Connectors HGG Datasheet HTML 16Page - LEMO Connectors HGG Datasheet HTML 17Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
11
www.lemo.com
®
®
DISCLAIMER The information contained within this catalog and the functions offered are intended to provide information about products. All reasonable efforts have been made to ensure the accuracy of the
information. However, LEMO cannot be held responsible for any errors. LEMO does not warrant the accuracy and reserves the right to make changes to the catalog and its functions at any time without notice.
These positioners are suitable for use with both manual
and pneumatic crimping tools according to the MIL-C-
22520/7-01 standard.
male
female
ø A
ø C
ø A
ø C
Fig. 1
ø A
ø C
ø A
ø C
Fig. 2
FGG
EGG
FGG
EGG
Note: a wide variation of strand number and diameter
combinations are quoted as being AWG, some of which
do not have a large enough cross section to guarantee
a crimp as per either MIL-C-22520/1-01 or /7-01.
DCE Positioners ø 0.5, 0.7, 0.9, 1.3 mm
DCE.91.050.0VC
DCE.91.050.0VM
DCE.91.090.BVC
DCE.91.090.BVM
DCE.91.090.AVC
DCE.91.090.AVM
DCE.91.070.BVC
DCE.91.070.BVM
DCE.91.050.BVC
DCE.91.050.BVM
DCE.91.131.BVC
DCE.91.131.BVM
DCE.91.091.BVC
DCE.91.091.BVM
DCE.91.071.BVC
DCE.91.071.BVM
DCE.91.051.BVC
DCE.91.051.BVM
DCE.91.202.BVCM
DCE.91.162.BVCM
DCE.91.132.BVC
DCE.91.132.BVM
DCE.91.132.CVC
DCE.91.132.CVM
DCE.91.092.BVC
DCE.91.092.BVM
DCE.91.092.AVC
DCE.91.092.AVM
DCE.91.072.BVC
DCE.91.072.BVM
DCE.91.303.BVCM
DCE.91.203.BVCM
DCE.91.163.BVCM
DCE.91.133.BVC
DCE.91.133.BVM
DCE.91.093.BVC
DCE.91.093.BVM
DCE.91.093.BVG
DCE.91.093.BVU
DCE.91.073.BVC
DCE.91.073.BVM
Positioners part number
Male contact
Female contact
Note: these turrets can be used with manual crimping
tool according to MIL-C-22520/1-01 standard.
DCE Turret for ø 1.6, 2.0, 3.0, 4.0 mm
male
female
Note: each insulator can be used both for crimp contacts
of normal shape (fig. 1) or with reduced solder cups
(fig. 2).
FGG-EGG Insulators
FGG-EGG Crimp contacts
Note: 2) this model is thumb-operated.
Spare parts for crimp contacts
DCF Automatic extraction tools
Extractors part
number for male/
female contacts
DCF.91.050.2LT
DCF.91.090.2LT
DCF.92.070.3LT
DCF.91.050.2LT
DCF.91.131.2LT
DCF.91.090.2LT
DCF.91.070.2LT
DCF.91.050.2LT
DCC.91.202.5LA2)
DCF.91.162.2LT
DCF.91.131.2LT
DCF.91.090.2LT
DCF.91.070.2LT
DCF.91.303.5LT
DCC.91.202.5LA2)
DCF.91.163.5LT
DCF.91.133.5LT
DCF.91.093.5LT
DCF.91.073.5LT
Types
TT 302/303/304
0T 302/303
304 / 305
306 / 307 / 309
1T 302/303
304 / 305
306 / 307 / 308
310 / 314 / 316
2T
3T 302
303 / 304 / 309
305 / 306 / 307
308 / 309 / 310
312 / 314
316 / 318
320 / 322 / 324
326 / 330
302
303
304 / 305
306 / 307
308 / 310
312 / 314 / 316
318 / 319
FGG
EGG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com