Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGG Datasheet(PDF) 3 Page - LEMO Connectors

Part # HGG
Description  T SERIES IP 68 PUSH-PULL CONNECTORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

HGG Datasheet(HTML) 3 Page - LEMO Connectors

  HGG Datasheet HTML 1Page - LEMO Connectors HGG Datasheet HTML 2Page - LEMO Connectors HGG Datasheet HTML 3Page - LEMO Connectors HGG Datasheet HTML 4Page - LEMO Connectors HGG Datasheet HTML 5Page - LEMO Connectors HGG Datasheet HTML 6Page - LEMO Connectors HGG Datasheet HTML 7Page - LEMO Connectors HGG Datasheet HTML 8Page - LEMO Connectors HGG Datasheet HTML 9Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
www.lemo.com
®
®
DISCLAIMER The information contained within this catalog and the functions offered are intended to provide information about products. All reasonable efforts have been made to ensure the accuracy of the
information. However, LEMO cannot be held responsible for any errors. LEMO does not warrant the accuracy and reserves the right to make changes to the catalog and its functions at any time without notice.
FGG
FGG
PHG
PHG
EGG
EEG
HGG
HEG
FFG
FGG
EGG
HMG
Straight plugs
Fixed sockets
Free sockets
Chrome-plated housing models
(page 2)
Straight plug
Fixed socket
Plastic housing models
(page 5)
Insert configuration (page 6)
Series
Model (page 3)
Alignment key (page 5)
Fixed socket
Insulator: PEEK
L = for solder or print contact
Y = for crimp contact
Insulator: PEEK
L = for solder contact
Y = for crimp contact
E G G
1T
3 0 6
C L L
..
.
EGG.1T.306.CLL
= fixed socket, nut fixing, with key (G), 1T series, multipole type with 6 contacts, outer shell in chrome-plated brass,
PEEK insulator, female solder contacts.
Z
F G G
1T
Insert configuration (page 6)
Cable ø (page 9)
Collet type (page 9)
Housing:
C = Chrome plated brass
K = Black Chrome plated brass
B = POM (black)
Variant
3 0 6
Series
Model (page 2)
Alignment key (page 5)
C L A C 4 0
Contact:
A = male solder
L = female solder
C = male crimp
M = female crimp
Plug and free socket
Variant
..
.
FGG.1T.306.CLAC40Z
= Straight plug with key (G) and cable collet for bend relief, 1T series, multipole type with 6 contacts, outer shell
in chrome-plated brass, PEEK insulator, male solder contacts, C type collet for 4.0 mm diameter cable and nut for fitting a bend relief.
Interconnections
Part Numbering System
Contact:
L = female solder
A = male solder
M = female crimp
C = male crimp
N = female print
D = male print
V = female elbow print
Housing:
C = Chrome plated brass
K = Black Chrome plated brass
B = POM
Fixed sockets
Watertight or vacuumtight models
(page 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com