Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G86DBVT.B Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LVC1G86DBVT.B
Description  SN74LVC1G86 Single 2-Input Exclusive-OR Gate
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G86DBVT.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC1G86DBVT.B Datasheet HTML 5Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 6Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 7Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 8Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 9Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 10Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 11Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 12Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
GND
Logic
Input
Output
VCC
Device
-IIK
-IOK
9
SN74LVC1G86
www.ti.com
SCES222Q – APRIL 1999 – REVISED JUNE 2017
Product Folder Links: SN74LVC1G86
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Clamp Diodes
The inputs and outputs to this device have negative clamping diodes.
CAUTION
Avoid any voltage below or above the input or output voltage specified in the Absolute
Maximum Ratings. In this event, the current must be limited to the maximum input or
output clamp current value indicated in the Absolute Maximum Ratings to avoid
damage to the device.
Figure 3. Electrical Placement of Clamping Diodes for Each Input and Output
8.3.4 Partial Power Down (Ioff)
The inputs and outputs for this device enter a high impedance state when the supply voltage is 0 V. The
maximum leakage into or out of any input or output pin on the device is specified by Ioff in the Electrical
Characteristics.
8.3.5 Over-voltage Tolerant Inputs
Input signals to this device can be driven above the supply voltage so long as they remain below the maximum
input voltage value specified in the Recommended Operating Conditions.
8.4 Function Table
Table 1 lists the functional modes of the SN74LVC1G86 device.
Table 1. Function Table
INPUTS
OUTPUT
Y
A
B
L
L
L
L
H
H
H
L
H
H
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com