Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G86DBVT.B Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC1G86DBVT.B
Description  SN74LVC1G86 Single 2-Input Exclusive-OR Gate
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G86DBVT.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC1G86DBVT.B Datasheet HTML 7Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 8Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 9Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 10Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 11Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 12Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 13Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 14Page - Texas Instruments SN74LVC1G86DBVT.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
VIN (V)
0
10
20
0.5
0
30
40
50
60
70
80
90
100
1.5
1
2.5
2
3.5
3
6
5.5
4
5
4.5
VIH = 4.5V
VIL= 0V
VCC = 5.5V
Temp =25
o C
Low->High
High->Low
11
SN74LVC1G86
www.ti.com
SCES222Q – APRIL 1999 – REVISED JUNE 2017
Product Folder Links: SN74LVC1G86
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curve
Figure 5. ICC vs. VIN
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin must have a good bypass capacitor to prevent power disturbance. For devices with a single supply,
0.1 µF is recommended. If there are multiple VCC pins, 0.01 µF or 0.022 µF is recommended for each power pin.
It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1-µF and 1-µF are
commonly used in parallel. The bypass capacitor must be installed as close to the power pin as possible for best
results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com