Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40201 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # ZL40201
Description  Precision 1:2 LVPECL Fanout Buffer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40201 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button ZL40201 Datasheet HTML 16Page - Microsemi Corporation ZL40201 Datasheet HTML 17Page - Microsemi Corporation ZL40201 Datasheet HTML 18Page - Microsemi Corporation ZL40201 Datasheet HTML 19Page - Microsemi Corporation ZL40201 Datasheet HTML 20Page - Microsemi Corporation ZL40201 Datasheet HTML 21Page - Microsemi Corporation ZL40201 Datasheet HTML 22Page - Microsemi Corporation ZL40201 Datasheet HTML 23Page - Microsemi Corporation ZL40201 Datasheet HTML 24Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ZL40201
Data Sheet
21
Microsemi Corporation
Power Supply Tone Magnitude versus PSRR
(at 100 kHz) at 125 MHz
Power Supply Tone Magnitude versus Additive Jitter
(at 100 kHz) at 125 MHz
Power Supply Tone Frequency (at 25 mV) versus
PSRR at 125 MHz
Power Supply Tone Frequency (at 25 mV) versus
Additive Jitter at 125 MHz
-85
-80
-75
-70
-65
20
30
40
50
60
70
80
90
100
Power Supply Tone Magnitude at 100 kHz (mV pk-pk)
100
200
300
400
500
600
700
20
30
40
50
60
70
80
90
100
Power Supply Tone Magnitude at 100 kHz (mV pk-pk)
-85
-80
-75
0
100
200
300
400
500
600
Power Supply Tone Frequency at 25 mV (kHz)
150
175
200
225
250
275
300
0
100
200
300
400
500
600
Power Supply Tone Frequency at 25 mV (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com