Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40201 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # ZL40201
Description  Precision 1:2 LVPECL Fanout Buffer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40201 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button ZL40201 Datasheet HTML 9Page - Microsemi Corporation ZL40201 Datasheet HTML 10Page - Microsemi Corporation ZL40201 Datasheet HTML 11Page - Microsemi Corporation ZL40201 Datasheet HTML 12Page - Microsemi Corporation ZL40201 Datasheet HTML 13Page - Microsemi Corporation ZL40201 Datasheet HTML 14Page - Microsemi Corporation ZL40201 Datasheet HTML 15Page - Microsemi Corporation ZL40201 Datasheet HTML 16Page - Microsemi Corporation ZL40201 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
R2
R2
VDD
VDD_Rx
Zo = 50 Ohms
Zo = 50 Ohms
ZL40201
clk_p
clk_n
VDD_Rx
R1
R1
LVPECL
Receiver
RR
For VDD = 2.5 V: R = 60 Ohms
For VDD = 3.3 V: R = 120 Ohms
Figure 16 - LVPECL AC Output Termination
ZL40201
Data Sheet
13
Microsemi Corporation
Figure 17 - LVPECL AC Output Termination for CML Inputs
VDD
VDD_Rx
Zo = 50 Ohm s
Zo = 50 Ohm s
ZL40201
clk_p
clk_n
10 nF
10 nF
50
CM L
Receiver
50
R
For VDD = 2.5 V: R = 60 Ohm s
For VDD = 3.3 V: R = 120 Ohm s
R
For VDD_ Rx =3 . 3V : R1 = 82 O hms, R2 = 12 7 Oh m s
For VDD_ Rx = 2.5 V: R1 = 6 2.5 O hms, R 2= 2 50 O hms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com