Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4303 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS4303
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4303 Datasheet(HTML) 2 Page - Texas Instruments

  THS4303 Datasheet HTML 1Page - Texas Instruments THS4303 Datasheet HTML 2Page - Texas Instruments THS4303 Datasheet HTML 3Page - Texas Instruments THS4303 Datasheet HTML 4Page - Texas Instruments THS4303 Datasheet HTML 5Page - Texas Instruments THS4303 Datasheet HTML 6Page - Texas Instruments THS4303 Datasheet HTML 7Page - Texas Instruments THS4303 Datasheet HTML 8Page - Texas Instruments THS4303 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(TOP VIEW)
RGT PACKAGE
1
2
3
4
5
6
7
8
12
11
10
9
16 15 14 13
NC = No connect
VS−
VS+
VOUT
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
over operating free-air temperature range unless otherwise noted(1)
UNIT
VS
Supply voltage
6 V
VI
Input voltage
±V
S
IO
Output current
200 mA
Continuous power dissipation See Dissipation Rating Table
TJ((2))
Maximum junction temperature
150
°C
TJ((3))
Maximum junction temperature, continuous operation, longterm reliability
125
°C
TA
Operating free-air temperature range
–40
°C to 85°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
ESD ratings:
HBM
3000
CDM
1500
MM
200
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The THS4303 device may incorporate a PowerPAD™ on the underside of the chip. This acts as a heatsink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature
which can permanently damage the device. See TI technical brief SLMA002 and SLMA004 for more information about utilizing the
PowerPAD thermally enhanced package.
(3)
The absolute maximum temperature under any condition is limited by the constraints of the silicon process.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com