Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4303 Datasheet(PDF) 11 Page - Texas Instruments

Part # THS4303
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4303 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4303 Datasheet HTML 7Page - Texas Instruments THS4303 Datasheet HTML 8Page - Texas Instruments THS4303 Datasheet HTML 9Page - Texas Instruments THS4303 Datasheet HTML 10Page - Texas Instruments THS4303 Datasheet HTML 11Page - Texas Instruments THS4303 Datasheet HTML 12Page - Texas Instruments THS4303 Datasheet HTML 13Page - Texas Instruments THS4303 Datasheet HTML 14Page - Texas Instruments THS4303 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
0.01
0.1
1
10
100
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
RL = 100 Ω
VO = 200 mV
VS = 5 V
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
2.5 2.75 3 3.25 3.5 3.75 4 4.25 4.5 4.75 5
VS − Supply Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
0
−90
−80
−70
−60
−50
−40
−30
−20
−10
10
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
VS = 5 V
S11
S12
S22
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
0
100 200 300 400 500 600 700 800
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
t − Time − ns
RL = 100 Ω
VS = 5 V
Input
Output
10
100
1000
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
RL = 100 Ω
VO = 200 mV
VS = 5 V
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
TYPICAL THS4303 CHARACTERISTICS (5 V) (continued)
CLOSED-LOOP
POWER-DOWN
OUTPUT IMPEDANCE
QUIESCENT CURRENT
POWER-DOWN S-PARAMETER
vs
vs
vs
FREQUENCY
SUPPLY VOLTAGE
FREQUENCY
Figure 27.
Figure 28.
Figure 29.
POWER-DOWN OUTPUT IMPEDANCE
vs
FREQUENCY
TURN-ON AND TURN-OFF TIMES DELAY TIME
Figure 30.
Figure 31.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com