Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5641AIPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # THS5641AIPWR
Description  8-BIT, 100 MSPS, CommsDAC™ DIGITAL-TO-ANALOG CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS5641AIPWR Datasheet(HTML) 2 Page - Texas Instruments

  THS5641AIPWR Datasheet HTML 1Page - Texas Instruments THS5641AIPWR Datasheet HTML 2Page - Texas Instruments THS5641AIPWR Datasheet HTML 3Page - Texas Instruments THS5641AIPWR Datasheet HTML 4Page - Texas Instruments THS5641AIPWR Datasheet HTML 5Page - Texas Instruments THS5641AIPWR Datasheet HTML 6Page - Texas Instruments THS5641AIPWR Datasheet HTML 7Page - Texas Instruments THS5641AIPWR Datasheet HTML 8Page - Texas Instruments THS5641AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
THS5641A
8BIT, 100 MSPS, CommsDAC
DIGITALTOANALOG CONVERTER
SLAS277A −MARCH 2000 − REVISED SEPTEMBER 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The THS5641A provides a nominal full-scale differential output current of 20 mA and >300 k
Ω output
impedance, supporting both single-ended and differential applications. The output current can be directly fed
to the load (e.g., external resistor load or transformer), with no additional external output buffer required. An
accurate on-chip reference and control amplifier allows the user to adjust this output current from 20 mA down
to 2 mA, with no significant degradation of performance. This reduces power consumption and provides 20 dB
gain range control capabilities. Alternatively, an external reference voltage and control amplifier may be applied
in applications using a multiplying DAC.
The THS5641A is available in both a 28-pin SOIC and TSSOP package. The device is characterized for
operation over the industrial temperature range of −40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGE
TA
28-TSSOP
(PW)
28-SOIC
(DW)
−40
°C to 85°C
THS5641AIPW
THS5641AIDW
functional block diagram
IOUT1
IOUT2
CLK
D[7:0]
EXTLO
DGND
AVDD
EXTIO
COMP2
Current
Source
Array
Output
Current
Switches
AGND
1.2 V
REF
BIASJ
−
+
Control
AMP
0.1
µF
2 k
Ω
I BIAS
COMP1
Logic
Control
50
Ω
1 nF
DVDD
RBIAS
SLEEP
MODE
RLOAD
RLOAD
CEXT
C1
0.1
µF
0.1
µF
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com