Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5641AIPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # THS5641AIPWR
Description  8-BIT, 100 MSPS, CommsDAC™ DIGITAL-TO-ANALOG CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS5641AIPWR Datasheet(HTML) 1 Page - Texas Instruments

  THS5641AIPWR Datasheet HTML 1Page - Texas Instruments THS5641AIPWR Datasheet HTML 2Page - Texas Instruments THS5641AIPWR Datasheet HTML 3Page - Texas Instruments THS5641AIPWR Datasheet HTML 4Page - Texas Instruments THS5641AIPWR Datasheet HTML 5Page - Texas Instruments THS5641AIPWR Datasheet HTML 6Page - Texas Instruments THS5641AIPWR Datasheet HTML 7Page - Texas Instruments THS5641AIPWR Datasheet HTML 8Page - Texas Instruments THS5641AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
THS5641A
8BIT, 100 MSPS, CommsDAC
DIGITALTOANALOG CONVERTER
SLAS277A −MARCH 2000 − REVISED SEPTEMBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Member of the Pin-Compatible
CommsDAC
 Product Family
D 100 MSPS Update Rate
D 8-Bit Resolution
D Signal-to-Noise and Distortion Ratio
(SINAD) at 5 MHz: 50 dB
D Integral Nonlinearity INL: 0.25 LSB
D Differential Nonlinearity DNL: 0.25 LSB
D 1 ns Setup/Hold Time
D Glitch Energy: 5 pV-s
D Settling Time to 0.1%: 35 ns
D Differential Scalable Current Outputs: 2 mA
to 20 mA
D On-Chip 1.2-V Reference
D 3-V and 5-V Single Supply Operation
D Straight Binary or Twos Complement Input
D Power Dissipation: 100 mW at 3.3 V, Sleep
Mode: 17 mW at 3.3 V
D Package: 28-Pin SOIC and TSSOP
description
The THS5641A is an 8-bit resolution digital-to-analog converter (DAC) optimized for video applications and
digital data transmission in wired and wireless communication systems. The 8-bit DAC is a member of the
CommsDAC
 series of high-speed, low-power CMOS digital-to-analog converters. The CommsDAC family
consists of pin compatible 14-, 12-, 10-, and 8-bit DACs. All devices offer identical interface options, small outline
package and pinout. The THS5641A offers superior ac and dc performance while supporting update rates up
to 100 MSPS.
The THS5641A operates from an analog and digital supply of 3 V to 5.5 V. Its inherent low power dissipation
of 100 mW ensures that the device is well suited for portable and low power applications. Lowering the full-scale
current output reduces the power dissipation without significantly degrading performance. The device features
a SLEEP mode, which reduces the standby power to approximately 17 mW, thereby optimizing the power
consumption for system needs.
The THS5641A is manufactured in Texas Instruments advanced high-speed mixed-signal CMOS process. A
current-source-array architecture combined with simultaneous switching shows excellent dynamic
performance. On-chip edge-triggered input latches and a 1.2 V temperature compensated bandgap reference
provide a complete monolithic DAC solution. The digital supply range of 3 V to 5.5 V supports 3 V and 5 V CMOS
logic families. Minimum data input setup and hold times allow for easy interfacing with external logic. The
THS5641A supports both a straight binary and twos complement input word format, enabling flexible interfacing
with digital signal processors.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D7
D6
D5
D4
D3
D2
D1
D0
NC
NC
NC
NC
NC
NC
CLK
DVDD
DGND
MODE
AVDD
COMP2
IOUT1
IOUT2
AGND
COMP1
BIASJ
EXTIO
EXTLO
SLEEP
SOIC (DW) OR TSSOP (PW) PACKAGE
(TOP VIEW)
NC − No internal connection
CommsDAC is a trademark of Texas Instruments.


Similar Part No. - THS5641AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641AIPWR TI1-THS5641AIPWR Datasheet
897Kb / 31P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIPWRG4 TI1-THS5641AIPWRG4 Datasheet
897Kb / 31P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5641AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641 TI-THS5641 Datasheet
702Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5671A TI-THS5671A Datasheet
825Kb / 31P
14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com