Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1221 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLK1221
Description  ETHERNET TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK1221 Datasheet(HTML) 1 Page - Texas Instruments

  TLK1221 Datasheet HTML 1Page - Texas Instruments TLK1221 Datasheet HTML 2Page - Texas Instruments TLK1221 Datasheet HTML 3Page - Texas Instruments TLK1221 Datasheet HTML 4Page - Texas Instruments TLK1221 Datasheet HTML 5Page - Texas Instruments TLK1221 Datasheet HTML 6Page - Texas Instruments TLK1221 Datasheet HTML 7Page - Texas Instruments TLK1221 Datasheet HTML 8Page - Texas Instruments TLK1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
11 12 13 14 15 16 17 18 19 20
40 39 38 37 36
RHA Package
(TopView)
35 34 33 32 31
ENABLE
TD0
TD1
TD2
TD3
VDD
TD4
TD5
TD6
TD7
SYNC
RD0
RD1
RD2
VDD
RD3
RD4
RD5
RD6
RD7
GND
TLK1221
www.ti.com....................................................................................................................................... SLLS713C – FEBRUARY 2007 – REVISED SEPTEMBER 2009
ETHERNET TRANSCEIVER
Check for Samples: TLK1221
1
FEATURES
23
•
0.6- to 1.3-Gigabits Per Second (Gbps)
Serializer/Deserializer
•
Low Power Consumption 250 mW (typ) at 1.25
Gbps
•
LVPECL-Compatible Differential I/O on
High-Speed Interface
•
Single Monolithic PLL Design
•
Support For 10-Bit Interface
•
Fast Relock Times Less Than 256 ns (typ)
Suitable for EPON/GEPON Applications such
as OLT and ONU Systems
•
Receiver Differential-Input Thresholds, 200-mV
Minimum
•
Industrial Temperature Range From –40°C to
85°C
•
IEEE 802.3 Gigabit Ethernet Compliant
•
Designed in 0.25
μm CMOS Technology
•
No External Filter Capacitors Required
•
Comprehensive Suite of Built-In Testability
•
2.5-V Supply Voltage for Lowest-Power
Operation
•
3.3-V Tolerant on LVTTL Inputs
•
Hot Plug Protection
•
40-Pin 6-mm × 6-mm QFN PowerPAD™
Package
DESCRIPTION
The TLK1221 gigabit Ethernet transceiver provides for high-speed full-duplex point-to-point data transmissions.
These devices are based on the timing requirements of the 10-bit interface specification by the IEEE 802.3
Gigabit Ethernet specification. The TLK1221 supports data rates from 0.6 Gbps through 1.3 Gbps.
The primary application of these devices is to provide building blocks for point-to-point baseband data
transmission over controlled-impedance media of 50
Ω. The transmission media can be printed-circuit board
traces, copper cables or fiber-optical media. The ultimate rate and distance of data transfer is dependent upon
the attenuation characteristics of the media and the noise coupling to the environment.
The TLK1221 performs the data serialization, deserialization, and clock extraction functions for a physical layer
interface device. The transceiver operates at 1.25 Gbps (typical), providing up to 1 Gbps of data bandwidth over
a copper or optical media interface.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLK1221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
ETHERNET TRANSCEIVER
TLK1221RHA TI-TLK1221RHA Datasheet
854Kb / 23P
ETHERNET TRANSCEIVER
TLK1221RHAR TI-TLK1221RHAR Datasheet
854Kb / 23P
ETHERNET TRANSCEIVER
TLK1221RHARG4 TI-TLK1221RHARG4 Datasheet
854Kb / 23P
ETHERNET TRANSCEIVER
TLK1221RHAT TI-TLK1221RHAT Datasheet
854Kb / 23P
ETHERNET TRANSCEIVER
More results

Similar Description - TLK1221

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
Quad Gigabit Ethernet Transceiver
July 2000
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
Fast Ethernet Transceiver
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
logo
Texas Instruments
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
ETHERNET TRANSCEIVER
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
Enhanced Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com