Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK6002 Datasheet(PDF) 34 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 30Page - Texas Instruments TLK6002 Datasheet HTML 31Page - Texas Instruments TLK6002 Datasheet HTML 32Page - Texas Instruments TLK6002 Datasheet HTML 33Page - Texas Instruments TLK6002 Datasheet HTML 34Page - Texas Instruments TLK6002 Datasheet HTML 35Page - Texas Instruments TLK6002 Datasheet HTML 36Page - Texas Instruments TLK6002 Datasheet HTML 37Page - Texas Instruments TLK6002 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
TLK6002
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
www.ti.com
that greater than 4.5 seconds of time can be programmed per attempted interval. Thus, the ARS state
machine will attempt to determine a particular serial rate for a programmable number of reference clock
periods where channel synchronization cannot be established before attempting the next (and different)
lower serial bit rate, in a repeating/looping fashion when the lowest enabled serial bit rate is attempted
unsuccessfully.
The ARS function overrides the following SERDES register settings (RATE_TX / RATE_RX / PLL_MULT).
MDIO writes to these registers do not impact the actual values controlling internal SERDES device
settings as long as ARS is enabled for that channel, and reads instead return the current settings (which
may or may not be valid) as controlled by the ARS state machine (and does so until ARS is disabled).
Table 2-7. ARS Looped Device Settings (Looping order highest
→ lowest enabled bit rate)
Reference Clock (MHz)
ARS Rate / Scale / Multiplier Settings Per Reference Clock
153.6
122.88
307.2
Standard
Serial Rate (Gbps)
Rate
Rate Scale
SERDES Multiplier Setting Loop
CPRI
0.6144
Eighth
4
16
20
8
OBSAI
0.768
Eighth
4
20
25
10
CPRI
1.2288
Quarter
2
16
20
8
OBSAI
1.536
Quarter
2
20
25
10
CPRI
2.4576
Half
1
16
20
8
CPRI/OBSAI
3.072
Half
1
20
25
10
CPRI
4.9152
Full
0.5
16
20
8
CPRI/OBSAI
6.144
Full
0.5
20
25
10
34
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com