Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK6002 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 7Page - Texas Instruments TLK6002 Datasheet HTML 8Page - Texas Instruments TLK6002 Datasheet HTML 9Page - Texas Instruments TLK6002 Datasheet HTML 10Page - Texas Instruments TLK6002 Datasheet HTML 11Page - Texas Instruments TLK6002 Datasheet HTML 12Page - Texas Instruments TLK6002 Datasheet HTML 13Page - Texas Instruments TLK6002 Datasheet HTML 14Page - Texas Instruments TLK6002 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
TLK6002
www.ti.com
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
Table 2-1. Pin Description – Signal Pins (continued)
Terminal
Direction
Type
Description
Signal
BGA
Supply
Channel B Receive Loss Of Signal (LOS) Indicator.
LOSB=0, signal detected.
LOSB=1, Loss of signal (6.10 enabled).
Loss of signal detection is based on the input signal level.
When RXBP/N has an input signal of
≤75 mVdfpp, LOSB will be asserted (if enabled). The input signal should be ≥
Output
150 mVdfpp for this function to operate reliably.
LVCMOS
LOSB
V17
1.5V/1.8V
Other functions can be observed on LOSB realtime, configured via MDIO.
VDDO2 40
Ω
During device reset (RESET_N asserted low) this pin is driven low.
Driver
During pin based power down (PD_TRXB_N asserted low), this pin is floating.
During register based power down (1.15 asserted high), this pin is floating.
It is highly recommended that LOSB be brought to easily accessible point on the application board (header), in the
event that debug is required.
Input
Transceiver Power down. When this pin is held low (asserted), Channel B is placed in power down mode. When
LVCMOS
deasserted , Channel B operates normally. After deassertion, a software datapath reset should be issued through
PD_TRXB_N
U15
1.5V/1.8V
the MDIO interface.
VDDO2
Signals common to Channels A and B:
Reference Clock Input Zero. This differential input is a clock signal used as a reference to either or both of the
Input LVDS/
bidirectional SERDES macros. It can be routed internally to either SERDES macro using device pins
B5
REFCLK_0_P/N
LVPECL
(REFCLK_A_SEL and REFCLK_B_SEL) or through software registers. This input signal must be AC coupled. See
A5
DVDD
Figure 1-3. TLK6002 Reference Clock / Output Clock Architecture for more detail. If unused, REFCLK_0_P/N
should be pulled down to DGND through a shared 100
Ω resistor.
Reference Clock Input One. This differential input is a clock signal used as a reference to either or both of the
Input LVDS/
bidirectional SERDES macros. It can be routed internally to either SERDES macro using device pins
C6
REFCLK_1_P/N
LVPECL
(REFCLK_A_SEL and REFCLK_B_SEL) or through software registers. This input signal must be AC coupled. See
D6
DVDD
Figure 1-3. TLK6002 Reference Clock / Output Clock Architecture for more detail. If unused, REFCLK_1_P/N
should be pulled down to DGND through a shared 100
Ω resistor
Input
Reference Clock Select Channel A. This input, when low, selects REFCLK_0_P/N as the clock reference to
LVCMOS
Channel A SERDES macro. When high, REFCLK_1_P/N is selected as the clock reference to Channel A SERDES
REFCLK_A_SEL
R6
1.5V/1.8V
macro. If software control is desired (register bit 0.1), this input signal should be tied low. See Figure 1-3. TLK6002
VDDO3
Reference Clock / Output Clock Architecture for more detail.
Input
Reference Clock Select Channel B. This input, when low, selects REFCLK_0_P/N as the clock reference to
LVCMOS
Channel B SERDES macro. When high, REFCLK_1_P/N is selected as the clock reference to Channel B SERDES
REFCLK_B_SEL
T2
1.5V/1.8V
macro. If software control is desired (register bit 0.0), this input signal should be tied low. See Figure 1-3. TLK6002
VDDO3
Reference Clock/Output Clock Architecture for more detail.
Enable PRBS: When this pin is asserted high, the internal PRBS generator and verifier circuits are enabled on both
transmit and receive data paths of both channels.
This signal is logically OR’d with an mdio register bit.
Input
PRBS 231-1 is selected by default, and can be changed in MDIO register 7.10:8.
LVCMOS
PRBS_EN
R16
1.5V/1.8V
Note that PRBS is not possible in eighth rate mode.
VDDO2
The PRBS_EN pin should be routed to an uninstalled header so that it could be driven externally in the event that
device debug is required. In application mode, it should be biased with a pull up or pull down resistor (or allow for
an isolation mechanism from the on board driver), and not connected directly to a power or ground plane.
Recovered Byte Clock. If ARS is not enabled, and CLK_OUT_SEL is low, an optionally divided version of Channel
A recovered byte clock is output onto CLK_OUT_P/N. If ARS is not enabled, and CLK_OUT_SEL is high, an
optionally divided version of Channel B recovered byte clock is output onto CLK_OUT_P/N. The recovered byte
clock is synchronous to the incoming serial data rate for the selected channel. See Figure 1-3. TLK6002 Reference
Clock/Output Clock Architecture for more detail. The recovered byte clock can be divided by one, two, four, or eight
as selected in an mdio register.
J6
Output CML
CLK_OUT_P/N
J7
DVDD
If ARS is enabled, the CLK_OUT_P/N output is selected via Table 2-9.
This CML output must be AC coupled.
During device reset (RESET_N asserted low) this pin is driven differential zero. During pin based power down
(PD_TRXA_N and PD_TRXB_N asserted low), these pins are floating.
During register based power down (1.15 asserted high both channels), these pins are floating.
Output Clock Selection. If ARS is not enabled and CLK_OUT_SEL is low, Channel A recovered byte clock is
Input
output onto CLK_OUT_P/N. If ARS is not enabled and CLK_OUT_SEL is high, Channel B recovered byte clock is
LVCMOS
CLK_OUT_SEL
T15
output onto CLK_OUT_P/N. If software control is desired (register bit 0.6), this input signal should be tied low. See
1.5V/1.8V
Figure 1-3. TLK6002 Reference Clock / Output Clock Architecture for more detail. If ARS is enabled, the function of
VDDO2
CLK_OUT_SEL is shown in Table 2-9.
Copyright © 2010, Texas Instruments Incorporated
Description
11
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com