| Electronic Components Datasheet Search |
|
TLV2341IPWLE Datasheet(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2341IPWLE Datasheet(HTML) 46 Page - Texas Instruments |
|
46 / 53 page ![]() TLV2341, TLV2341Y LinCMOS ™ PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS SLOS110A – MAY 1992 – REVISED AUGUST 1994 46 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION single-supply operation (continued) The TLV2341 works well in conjunction with digital logic; however, when powering both linear devices and digital logic from the same power supply, the following precautions are recommended: • Power the linear devices from separate bypassed supply lines (see Figure 98); otherwise, the linear device supply rails can fluctuate due to voltage drops caused by high switching currents in the digital logic. • Use proper bypass techniques to reduce the probability of noise-induced errors. Single capacitive decoupling is often adequate; however, RC decoupling may be necessary in high-frequency applications. – + Logic Logic Logic Power Supply – + Logic Logic Logic Power Supply (a) COMMON-SUPPLY RAILS (b) SEPARATE-BYPASSED SUPPLY RAILS (preferred) Figure 98. Common Versus Separate Supply Rails input offset voltage nulling The TLV2341 offers external input offset null control. Nulling of the input offset voltage can be achieved by adjusting a 25-k Ω potentiometer connected between the offset null terminals with the wiper connected as shown in Figure 99. The amount of nulling range varies with the bias selection. In the high-bias mode, the nulling range allows the maximum offset voltage specified to be trimmed to zero. In low-bias and medium-bias modes, total nulling may not be possible. VDD 25 k Ω N1 N2 – + 25 k Ω N1 N2 – + (a) SINGLE SUPPLY (b) SPLIT SUPPLY GND Figure 99. Input Offset Voltage Null Circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |