Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY43 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGY43
Description  VHF power amplifier module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY43 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGY43 Datasheet HTML 1Page - NXP Semiconductors BGY43 Datasheet HTML 2Page - NXP Semiconductors BGY43 Datasheet HTML 3Page - NXP Semiconductors BGY43 Datasheet HTML 4Page - NXP Semiconductors BGY43 Datasheet HTML 5Page - NXP Semiconductors BGY43 Datasheet HTML 6Page - NXP Semiconductors BGY43 Datasheet HTML 7Page - NXP Semiconductors BGY43 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1996 Jun 06
5
Philips Semiconductors
Product specification
VHF power amplifier module
BGY43
Stability
The module is stable with a load VSWR up to 3:1 (all
phases) when operated within the following conditions:
VS1 = VS2 = 10 V to 16.5 V; PD = 30 to 300 mW;
f = 148 to 174 MHz; PL ≤ 18 W (matched).
Ruggedness
The module will withstand a load mismatch VSWR of 50:1
(all phases) for short period overload conditions, with drive
power and DC supply voltages at maximum values,
providing the combination does not result in the matched
RF output power rating being exceeded.
MOUNTING
To ensure good thermal transfer the module should be
mounted on a heatsink with a flat surface with
heat-conducting compound applied between module and
heatsink. If an isolation washer is used, heatsink
compound should be applied to both sides of the washer.
Burrs and thickening of the holes in the heatsink should be
removed and 3 mm bolts tightened to a torque of 0.5 Nm.
The leads of the devices may be soldered directly into a
circuit using a soldering iron with a maximum temperature
of 245
°C for not more than 10 seconds at a distance of at
least 1 mm from the plastic.
APPLICATION INFORMATION
Power rating
In general, it is recommended that the output power from
the module under nominal conditions should not exceed
16 W in order to provide an adequate safety margin under
fault conditions.
Output power control
The module is not designed to be operated over a wide
range of output power levels. The purpose of the output
power control is to set the nominal output power level.
The preferred method of output power control is by varying
the drive power between 30 and 200 mW. The next option
is by varying VS1 between 6 and 12.5 V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com