Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY43 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGY43
Description  VHF power amplifier module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY43 Datasheet(HTML) 6 Page - NXP Semiconductors

  BGY43 Datasheet HTML 1Page - NXP Semiconductors BGY43 Datasheet HTML 2Page - NXP Semiconductors BGY43 Datasheet HTML 3Page - NXP Semiconductors BGY43 Datasheet HTML 4Page - NXP Semiconductors BGY43 Datasheet HTML 5Page - NXP Semiconductors BGY43 Datasheet HTML 6Page - NXP Semiconductors BGY43 Datasheet HTML 7Page - NXP Semiconductors BGY43 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1996 Jun 06
6
Philips Semiconductors
Product specification
VHF power amplifier module
BGY43
Fig.4 Test jig for VHF modules.
handbook, full pagewidth
MGE662
10
µF 10 µF
VS1
VS2
0 V
holes for module mounting
screws (tapped 3 mm)
input
output
60 mm
heatsink
(redpoint
type 6M)
printed-wiring board (1.5 mm)
and aluminium spacer (2.5 mm)
rivets
90 mm
100 nF
100 nF
Fig.5 Recommended decoupling arrangement.
handbook, full pagewidth
MGE663
10
µF
(25 V)
10
µF
(25 V)
100 nF
100 nF
(power amplifier
supply)
(driver stage
supply)
VS2
VS1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com