Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RELIOR9 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # RELIOR9
Description  Relio R9™ RISC Embedded Computing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

RELIOR9 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  RELIOR9 Datasheet HTML 1Page - Sealevel Systems, Inc. RELIOR9 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Relio R9 delivers RISC computing power in a compact, rugged package. Packed with
a wealth of I/O features and using the latest embedded software environment, the Relio
R9 is an application-ready platform for your next product design. The system is based on
the Atmel AT91SAM9263 processor boasting a 32-bit ARM® instruction set for maximum
performance and 16-bit Thumb® instruction set for increased code density. With up
to 256MB RAM and 256MB Flash memory, the unmatched I/O features of the Relio
R9 extend the possible uses beyond traditional ARM
applications. For the fastest time to market, Windows
CE 6.0 BSP and low-level drivers for system I/O are
included.
Local or remote I/O expansion is available using
Sealevel SeaI/O data acquisition modules. Choose
from a variety of I/O configurations including optically
isolated inputs, Reed and Form C relay outputs, TTL
interfaces, A/D, and D/A. The Relio R9 connects to
SeaI/O modules via the dedicated RS-485
expansion port and communicates via RS-485 Modbus RTU.
For applications with specialized hardware requirements, use the Relio R9 as a platform for application
development while a customized target system is designed specifically for your requirements.
Sealevel offers full electrical, mechanical, and software design services to supplement your in-house
capabilities. Let us help you take your design from concept, through prototype and certifications, and to
production in record time.
www.sealevel.com > Tel: 864.843.4343 > sales@sealevel.com
Real-Time Embedded Computing with Industrial I/O
Features
Atmel
>
AT91SAM9263 ARM® Processor
Up to 256MB SDRAM and 256MB Flash Memory
>
Dual SD/MMC Expansion Card Slots
>
10/100 BaseT Ethernet
>
Two USB 2.0 Ports; USB Device Port
>
CAN Bus Interface
>
On-board Serial, Digital, and Analog I/O
>
Low Power Requirements
>
Wide Temperature Range
>
Compatible with Windows Embedded CE 6.0
>
and Linux
Perfect
for
Product
Development
Ask About
Custom
Product Design
The Relio R9 delivers RISC computing power with a wealth of I/O features
and uses the latest embedded software environment.
Relio R9 RISC Embedded Computing
™
Left Side View
Right Side View


Similar Part No. - RELIOR9

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
RELIOR1 SEALEVEL-RELIOR1 Datasheet
233Kb / 2P
Relio R1 Industrial Computer - Compact, Rugged, and Configurable
RELIOR2 SEALEVEL-RELIOR2 Datasheet
415Kb / 2P
Solid-State, Compact Industrial Computer
RELIOR3 SEALEVEL-RELIOR3 Datasheet
350Kb / 2P
Relio R3 Configurable 3U Rackmount Industrial Computer
RELIOR4 SEALEVEL-RELIOR4 Datasheet
605Kb / 2P
Relio R4 Configurable 1U Rackmount Industrial Computer
More results

Similar Description - RELIOR9

ManufacturerPart #DatasheetDescription
logo
Winbond
W90210F WINBOND-W90210F Datasheet
297Kb / 67P
PA-RISC EMBEDDED CONTROLLER
logo
List of Unclassifed Man...
TH-0635 ETC2-TH-0635 Datasheet
452Kb / 1P
RISC based HMI Computing Series
TH-0735W ETC2-TH-0735W Datasheet
435Kb / 1P
RISC based HMI Computing Series
TH-0835 ETC2-TH-0835 Datasheet
450Kb / 1P
RISC based HMI Computing Series
TH-1035 ETC2-TH-1035 Datasheet
456Kb / 1P
RISC based HMI Computing Series
TH-1235 ETC2-TH-1235 Datasheet
462Kb / 1P
RISC based HMI Computing Series
TH-1535 ETC2-TH-1535 Datasheet
473Kb / 1P
RISC based HMI Computing Series
logo
Intel Corporation
RG82875 INTEL-RG82875 Datasheet
186Kb / 2P
Intel 875P Chipset for Embedded Computing
logo
Advantech Co., Ltd.
1700090301 ADVANTECH-1700090301 Datasheet
292Kb / 4P
Embedded Computing Peripherals
UBC-330 ADVANTECH-UBC-330 Datasheet
2Mb / 4P
TI Sitara™ AM3352 Cortex®-A8 RISC Computing Box
7-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com