Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RELIOR9 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # RELIOR9
Description  Relio R9™ RISC Embedded Computing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

RELIOR9 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  RELIOR9 Datasheet HTML 1Page - Sealevel Systems, Inc. RELIOR9 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.sealevel.com > Tel: 864.843.4343 > sales@sealevel.com
TFT LCD
Industrial I/O
24-Bit
2048x2048 Max
Atmel
AT91SAM9263
Processor
Memory
256MB SDRAM
256MB Flash
SD Socket
SD Socket
Bus Interfaces
RS-485 Expansion
RS-232/422/485
SW Configure
RS-232/422/485
SW Configure
RS-232/422/485
SW Configure
RS-232/422/485
SW Configure
8 Isolated Inputs
8 Open Collector
Outputs
8 Analog Inputs
Differential/Single-Ended
2 32-Bit Quadrature
Counter
32-Bit RISC CPU
R9 BLOCK DIAGRAM
Specifications
Processor
Atmel (AT91SAM9263) — 200MIPS RISC Processor
>
16KB Data Cache, 16KB Instruction
>
Cache, Write Buffer
Integrated Memory Management Unit (MMU)
>
Memory
Up to 256MB SDRAM
>
Up to 256MB Flash
>
Two SD Memory Card Sockets
>
LCD Controller
Supports Passive or Active Displays
>
16-bit Color in TFT/STN Modes
>
Resolution Up to 2048 x 2048
>
Touchscreen Controller
Supports 5-wire Resistive Touchscreens
>
Bus Interfaces
10/100 BaseT Ethernet
>
USB Device Port
>
Two USB 2.0 Ports
>
CAN Bus
>
Industrial I/O
Four Software Configurable
>
RS-232/422/485 Ports
Dedicated RS-485 Expansion
>
Eight Optically Isolated Inputs (5 — 30V)
>
Eight Open-Collector Outputs (2 with PWM)
>
Eight Analog Inputs (12-bit or 16-bit)
>
Two 32-bit Quadrature Counters
>
Power
7 — 30VDC Input
>
Environmental
Operating Temperature Range:
>
-40°C — +85°C
Storage Temperature Range:
>
-60°C — + 150°C
Physical Dimensions
7.6” (L) x 5.1” (W) x 1.7” (H)
>
Relio R9 Block Diagram
Relio R9 RISC Embedded Computing
™
64MB SDRAM
(256 Max)
ARM ® Processor
(AT91SAM9263)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com