Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7242CDWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7242CDWR
Description  QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7242CDWR Datasheet(HTML) 1 Page - Texas Instruments

  ISO7242CDWR Datasheet HTML 1Page - Texas Instruments ISO7242CDWR Datasheet HTML 2Page - Texas Instruments ISO7242CDWR Datasheet HTML 3Page - Texas Instruments ISO7242CDWR Datasheet HTML 4Page - Texas Instruments ISO7242CDWR Datasheet HTML 5Page - Texas Instruments ISO7242CDWR Datasheet HTML 6Page - Texas Instruments ISO7242CDWR Datasheet HTML 7Page - Texas Instruments ISO7242CDWR Datasheet HTML 8Page - Texas Instruments ISO7242CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
1
2
3
4
5
6
7
8
ISO7240
9
10
11
12
13
14
15
16
NC
INA
GND1
VCC1
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN
VCC2
IND
OUTD
1
2
3
4
5
6
7
8
ISO7241
9
10
11
12
13
14
15
16
INA
GND1
VCC1
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
VCC2
IND
OUTD
EN2
EN1
1
2
3
4
5
6
7
8
ISO7242
9
10
11
12
13
14
15
16
INA
GND1
VCC1
GND1
GND2
GND2
INB
OUTA
OUTB
VCC2
IND
OUTD
EN2
EN1
OUTC
INC
ISO7240
ISO7241
ISO7242
SLLS868A – SEPTEMBER 2007 – REVISED DECEMBER 2007
www.ti.com
QUAD DIGITAL ISOLATORS
• 1, 25, and 150-Mbps Signaling Rate Options
• High Electromagnetic Immunity
(see application report SLLA181)
–
Low Channel-to-Channel Output Skew;
• –40°C to 125°C Operating Range
1 ns Max
–
Low Pulse-Width Distortion (PWD);
2 ns Max
• Industrial Fieldbus
–
Low Jitter Content; 1 ns Typ at 150 Mbps
• Computer Peripheral Interface
• Typical 25-Year Life at Rated Working Voltage
• Servo Control Interface
(see application note SLLA197 and Figure 15)
• Data Acquisition
• 4000-V
peak Isolation, 560-Vpeak Working Voltage
• UL 1577 Certified
• 4 kV ESD Protection
• Operate With 3.3-V or 5-V Supplies
The ISO7240, ISO7241 and ISO7242 are quad-channel digital isolators with multiple channel configurations and
output enable functions. These devices have logic input and output buffers separated by TI’s silicon dioxide
(SiO2) isolation barrier. Used in conjunction with isolated power supplies, these devices block high voltage,
isolate grounds, and prevent noise currents from entering the local ground and interfering with or damaging
sensitive circuitry.
The ISO7240 has all four channels in the same direction while the ISO7241 has three channels the same
direction and one channel in opposition. The ISO7242 has two channels in each direction.
The A and C option devices have TTL input thresholds and a noise-filter at the input that prevents transient
pulses from being passed to the output of the device. The M option devices have CMOS Vcc/2 input thresholds
and do not have the input noise-filter or the additional propagation delay.
A periodic update pulse is sent across the barrier to ensure the proper dc level of the output. If this dc-refresh
pulse is not received, the input is assumed to be unpowered or not being actively driven, and the failsafe circuit
drives the output to a logic high state. (Contact TI for a logic low failsafe option).
These devices may be powered from either 3.3-V or 5-V supplies on either side in any 3.3-V / 3.3-V, 5-V / 5-V,
5-V / 3.3-V, or 3.3-V / 5-V combination. Note that the signal input pins are 5-V tolerant regardless of the voltage
supply level being used.
These devices are characterized for operation over the ambient temperature range of –40
°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7242CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7242CDWR TI-ISO7242CDWR Datasheet
755Kb / 23P
QUAD DIGITAL ISOLATORS
ISO7242CDWR TI-ISO7242CDWR Datasheet
868Kb / 25P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7242CDWR TI-ISO7242CDWR Datasheet
801Kb / 27P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7242CDWR TI1-ISO7242CDWR Datasheet
1Mb / 31P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7242CDWR TI1-ISO7242CDWR Datasheet
2Mb / 46P
High-Speed, Quad-Channel Digital Isolators
More results

Similar Description - ISO7242CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
QUAD DIGITAL ISOLATORS
logo
Analog Devices
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1402 AD-ADUM1402_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
Quad-Channel Digital Isolators
Rev. J
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com