Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7242CDWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7242CDWR
Description  QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7242CDWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISO7242CDWR Datasheet HTML 15Page - Texas Instruments ISO7242CDWR Datasheet HTML 16Page - Texas Instruments ISO7242CDWR Datasheet HTML 17Page - Texas Instruments ISO7242CDWR Datasheet HTML 18Page - Texas Instruments ISO7242CDWR Datasheet HTML 19Page - Texas Instruments ISO7242CDWR Datasheet HTML 20Page - Texas Instruments ISO7242CDWR Datasheet HTML 21Page - Texas Instruments ISO7242CDWR Datasheet HTML 22Page - Texas Instruments ISO7242CDWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
www.ti.com
APPLICATION INFORMATION
1
2
3
4
5
6
7
8
ISO7240x
9
10
11
12
13
14
15
16
NC
IN
A
GND1
V
CC1
GND1
GND2
GND2
IN
B
IN
C
OUT
A
OUT
C
OUT
B
EN
IN
D
OUT
D
V
CC2
V
CC1
V
CC2
20mm
MaxFrom
20mm
MaxFrom
0.1
F
m
0.1
F
m
LIFE EXPECTANCY vs. WORKING VOLTAGE
10
100
0
250
500
750
1000
WORKINGVOLTAGE(VIORM)--V
VIORM at560-V
28 Years
880
120
ISO7240
ISO7241
ISO7242
SLLS868A – SEPTEMBER 2007 – REVISED DECEMBER 2007
Figure 14. Typical ISO724x Application Circuit
Figure 15. Time-Dependant Dielectric Breakdown Testing Results
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ISO7240 ISO7241 ISO7242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com