Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40217 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # ZL40217
Description  Precision 1:6 LVDS Fanout Buffer with On-Chip Input Termination
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40217 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button ZL40217 Datasheet HTML 9Page - Microsemi Corporation ZL40217 Datasheet HTML 10Page - Microsemi Corporation ZL40217 Datasheet HTML 11Page - Microsemi Corporation ZL40217 Datasheet HTML 12Page - Microsemi Corporation ZL40217 Datasheet HTML 13Page - Microsemi Corporation ZL40217 Datasheet HTML 14Page - Microsemi Corporation ZL40217 Datasheet HTML 15Page - Microsemi Corporation ZL40217 Datasheet HTML 16Page - Microsemi Corporation ZL40217 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LVDS
Receiver
VDD
VDD_Rx
Zo = 50 Ohms
Zo = 50 Ohms
ZL40217
clk_p
clk_n
100 Ohms
Figure 14 - LVDS DC Coupled Termination (External Receiver Termination)
LVDS
Receiver
VDD
VDD_Rx
Zo = 50 Ohms
Zo = 50 Ohms
ZL40217
clk_p
clk_n
100 Ohms
R2
VDD_Rx
R1
R1
R2
Note: R1 and R2 values and need for external termination
depend on the specification of the LVDS receiver
Figure 15 - LVDS AC Coupled Termination
ZL40217
Data Sheet
12
Microsemi Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com