Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320VC5505
Description  TMS320VC5505 Fixed-Point Digital Signal Processor
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC5505 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 18Page - Texas Instruments TMS320VC5505 Datasheet HTML 19Page - Texas Instruments TMS320VC5505 Datasheet HTML 20Page - Texas Instruments TMS320VC5505 Datasheet HTML 21Page - Texas Instruments TMS320VC5505 Datasheet HTML 22Page - Texas Instruments TMS320VC5505 Datasheet HTML 23Page - Texas Instruments TMS320VC5505 Datasheet HTML 24Page - Texas Instruments TMS320VC5505 Datasheet HTML 25Page - Texas Instruments TMS320VC5505 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 136 page
background image
TMS320VC5505
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
Table 3-10. Inter-IC Sound (I2S0 – I2S3) Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
Interface 2 (I2S2)
LCD_D[11]/
This pin is multiplexed between LCD Bridge, I2S2, GPIO, and SPI.
I2S2_DX/
IPD
For I2S, it is I2S2 transmit data output I2S2_DX.
P12
I/O/Z
GP[27]/
DVDDIO
Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be
SPI_TX
enabled or disabled via the PDINHIBR3 register.
LCD_D8]/
This pin is multiplexed between LCD Bridge, I2S2, GPIO, and SPI.
I2S2_CLK/
IPD
For I2S, it is I2S2 clock input/output I2S2_CLK.
N10
I/O/Z
GP[18]/
DVDDIO
Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be
SPI_CLK
enabled or disabled via the PDINHIBR3 register.
LCD_D[10]/
This pin is multiplexed between LCD Bridge, I2S2, GPIO, and SPI.
I2S2_RX/
IPD
For I2S, it is I2S2 receive data input I2S2_RX.
N11
I/O/Z
GP[20]/
DVDDIO
Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be
SPI_RX
enabled or disabled via the PDINHIBR3 register.
LCD_D[9]/
This pin is multiplexed between LCD Bridge, I2S2, and GPIO.
I2S2_FS/
IPD
For I2S, it is I2S2 frame synchronization input/output I2S2_FS.
P11
I/O/Z
GP[19]/
DVDDIO
Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be
SPI_CS0
enabled or disabled via the PDINHIBR3 register.
Interface 3 (I2S3)
LCD_D[15]/
This pin is multiplexed between LCD Bridge, UART, GPIO, and I2S3.
UART_TXD/
IPD
For I2S, it is I2S3 transmit data output I2S3_DX.
P14
I/O/Z
GP[31]/
DVDDIO
Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be
I2S3_DX
enabled or disabled via the PDINHIBR3 register.
LCD_D[12]/
This pin is multiplexed between LCD Bridge, UART, GPIO, and I2S3.
UART_RTS/
IPD
For I2S, it is I2S3 clock input/output I2S3_CLK.
N12
I/O/Z
GP[28]/
DVDDIO
Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be
I2S3_CLK
enabled or disabled via the PDINHIBR3 register.
LCD_D[14]/
This pin is multiplexed between LCD Bridge, UART, GPIO, and I2S3.
UART_RXD/
IPD
For I2S, it is I2S3 receive data input I2S3_RX.
N13
I/O/Z
GP[30]/
DVDDIO
Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be
I2S3_RX
enabled or disabled via the PDINHIBR3 register.
LCD_D[13]/
This pin is multiplexed between LCD Bridge, UART, GPIO, and I2S3.
UART_CTS/
IPD
For I2S, it is I2S3 frame synchronization input/output I2S3_FS.
P13
I/O/Z
GP[29]/
DVDDIO
Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be
I2S3_FS
enabled or disabled via the PDINHIBR3 register.
22
Device Overview
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com