Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 72 Page - Texas Instruments

Part # TMS320VC5505
Description  TMS320VC5505 Fixed-Point Digital Signal Processor
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC5505 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 68Page - Texas Instruments TMS320VC5505 Datasheet HTML 69Page - Texas Instruments TMS320VC5505 Datasheet HTML 70Page - Texas Instruments TMS320VC5505 Datasheet HTML 71Page - Texas Instruments TMS320VC5505 Datasheet HTML 72Page - Texas Instruments TMS320VC5505 Datasheet HTML 73Page - Texas Instruments TMS320VC5505 Datasheet HTML 74Page - Texas Instruments TMS320VC5505 Datasheet HTML 75Page - Texas Instruments TMS320VC5505 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 136 page
background image
2
CLKOUT
INTx
WAKEUP
1
1
CLKOUT
(A)
XF
TMS320VC5505
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
A.
INT[1:0] can only be used as a wake-up event for IDLE3 and IDLE2 modes.
B.
RTC interrupt (internal signal) can be used as wake-up event for IDLE3 and IDLE2 modes.
C.
Any unmasked interrupt can be used to exit the IDLE2 mode.
D.
CLKOUT reflects either the CPU clock, SAR, USB PHY, or PLL clock dependent on the setting of the CLOCKOUT
Clock Source Register. For this diagram, CLKOUT refers to the CPU clock.
Figure 6-12. Wake-Up From IDLE Timings
6.8.3
XF Electrical Data/Timing
Table 6-10. Switching Characteristics Over Recommended Operating Conditions For XF(1) (2)
(see Figure 6-13)
CVDD = 1.05 V
CVDD = 1.3 V
NO.
PARAMETER
UNIT
MIN
MAX
1
td(XF)
Delay time, CLKOUT high to XF high
0
10.2
ns
(1)
P = 1/SYSCLK clock frequency in ns. For example, when running parts at 100 MHz, P = 10 ns.
(2)
C = 1/RTCCLK= 30.5 ms. RTCCLK is the clock output of the 32.768-kHz RTC oscillator.
A.
CLKOUT reflects either the CPU clock, SAR, USB PHY, or PLL clock dependent on the setting of the CLOCKOUT
Clock Source Register. For this diagram, CLKOUT refers to the CPU clock.
Figure 6-13. XF Timings
6.9
External Memory Interface (EMIF)
VC5505 supports several memory and external device interfaces, including: NOR Flash, NAND Flash, and
SRAM.
The EMIF provides an 8-bit or 16-bit data bus, an address bus width up to 21 bits, and 4 chip selects,
along with memory control signals.
The EM_A[20:15] address signals are multiplexed with the GPIO peripheral and controlled by the External
Bus Selection Register (EBSR). For more detail on the pin muxing, see the Section 4.6.1, External Bus
Selection Register (EBSR).
6.9.1
EMIF Asynchronous Memory Support
The EMIF supports asynchronous:
•
SRAM memories
72
Peripheral Information and Electrical Specifications
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com