Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS14 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS14
Description  Hex Schmitt-Trigger Inverters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS14 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LS14 Datasheet HTML 1Page - Texas Instruments SN74LS14 Datasheet HTML 2Page - Texas Instruments SN74LS14 Datasheet HTML 3Page - Texas Instruments SN74LS14 Datasheet HTML 4Page - Texas Instruments SN74LS14 Datasheet HTML 5Page - Texas Instruments SN74LS14 Datasheet HTML 6Page - Texas Instruments SN74LS14 Datasheet HTML 7Page - Texas Instruments SN74LS14 Datasheet HTML 8Page - Texas Instruments SN74LS14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
SN5414, SN54LS14, SN7414, SN74LS14
SDLS049C – DECEMBER 1983 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: SN5414 SN54LS14 SN7414 SN74LS14
Submit Documentation Feedback
Copyright © 1983–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to network ground terminal.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCC
(2)
7
V
Input voltage
SNx414
5.5
V
SNx4LS14
7
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±2000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
SN5414, SN54LS14
4.5
5
5.5
V
SN7414, SN74LS14
4.75
5
5.25
IOH
High-level output current
SN5414, SN7414
–0.8
mA
SN54LS14, SN74LS14
–0.4
IOL
Low-level output current
SN5414, SN7414
16
mA
SN54LS14
4
SN74LS14
8
TA
Operating free-air temperature
SN5414, SN54LS14
–55
125
°C
SN7414, SN74LS14
0
70
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The package termal impedance is calculated in accordance with JESD 51-7.
6.4 Thermal Information
THERMAL METRIC(1)
SNx414, SNx4LS14
UNIT
D (SOIC)
DB (SSOP)
N (PDIP)
NS (SO)
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance(2)
90.1
105.4
54.9
88.8
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
50.3
57.3
42.5
46.5
°C/W
RθJB
Junction-to-board thermal resistance
44.3
52.7
34.7
47.5
°C/W
ψJT
Junction-to-top characterization parameter
17.9
22.5
27.8
16.8
°C/W
ψJB
Junction-to-board characterization parameter
44.1
52.2
34.6
47.2
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com