Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6933DBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS7B6933DBVR
Description  TPS7B69xx 150-mA, 40-V Ultralow-Quiescent-Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS7B6933DBVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS7B6933DBVR Datasheet HTML 1Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 2Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 3Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 4Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 5Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 6Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 7Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 8Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
TPS7B6933, TPS7B6950
SLVSDI2 – APRIL 2016
www.ti.com
Product Folder Links: TPS7B6933 TPS7B6950
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the GND terminal.
(3)
Absolute maximum voltage, withstands 45 V for 200 ms.
6 Specifications
6.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Unregulated input voltage
IN(2)(3)
–0.3
45
V
Regulated output voltage
OUT(2)
–0.3
7
V
Operating junction temperature range, TJ
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
The output capacitance range specified in this table is the effective value.
(2)
Relevant ESR value at f = 10 kHz
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI
Unregulated input voltage
4
40
V
VO
Output voltage
0
5.5
V
CO
Output capacitor requirements(1)
2.2
100
µF
ESRCO
Output ESR requirements(2)
0.001
2
Ω
TA
Operating ambient temperature range
–40
105
°C
(1)
The thermal data is based on the JEDEC standard high-K profile, JESD 51-7, 2s2p four layer board with 2-oz copper. The copper pad is
soldered to the thermal land pattern. Also correct attachment procedure must be incorporated.
(2)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)(2)
TPS7B69xx
UNIT
DCY (SOT-223)
DBV (SOT-23)
4 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
64.2
210.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
46.8
126.1
°C/W
RθJB
Junction-to-board thermal resistance
13.3
38.4
°C/W
ψJT
Junction-to-top characterization parameter
6.3
16
°C/W
ψJB
Junction-to-board characterization parameter
13.2
37.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com