Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6933DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS7B6933DBVR
Description  TPS7B69xx 150-mA, 40-V Ultralow-Quiescent-Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS7B6933DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS7B6933DBVR Datasheet HTML 9Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 10Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 11Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 12Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 13Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 14Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 15Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 16Page - Texas Instruments TPS7B6933DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
1
2
3
IN
GND
OUT
GND
4
13
TPS7B6933, TPS7B6950
www.ti.com
SLVSDI2 – APRIL 2016
Product Folder Links: TPS7B6933 TPS7B6950
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The device is designed to operate from an input-voltage supply range between 4 V and 40 V. This input supply
must be well regulated. If the input supply is located more than a few inches from the TPS7B69xx device, TI
recommends adding an electrolytic capacitor with a value of 10 µF and a ceramic bypass capacitor at the input.
10 Layout
10.1 Layout Guidelines
For the layout of TPS7B69xx family of devices, place the input and output capacitors near the devices as shown
in Figure 21 and Figure 22. To enhance the thermal performance, TI recommends surrounding the device with
some vias.
Minimize equivalent series inductance (ESL) and ESR to maximize performance and ensure stability. Place
every capacitor as close as possible to the device and on the same side of the PCB as the regulator.
Do not place any of the capacitors on the opposite side of the PCB from where the regulator is installed. TI
strongly discourages the use of long traces because they can impact system performance negatively and even
cause instability.
If possible, and to ensure the maximum performance specified in this product data sheet, use the same layout
pattern used for the TPS7B69xx evaluation board.
10.2 Layout Example
Figure 21. Layout Example for SOT-223 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com