Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS767D301PWPR.B Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS767D301PWPR.B
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301PWPR.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS767D301PWPR.B Datasheet HTML 2Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 3Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 4Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 5Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 6Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 7Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 8Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 9Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
IN
IN
EN
OUT
OUT
RESET
RESET
GND
5
6
4
28
24
23
3
+
C
OUT
10 F
m
C
1
0.1 F
50V
m
V
OUT
V
IN
250kW
TPS767D3xx
TIMING DIAGRAM
V
IN
V
OUT
V
IT+
(2)
V
IT+
(2)
V
RES
V
RES
(1)
t
t
t
Output
Undefined
Output
Undefined
200ms
Delay
200ms
Delay
V
IN-
V
IN-
Lessthan5%of
theoutputvoltage
Threshold
Voltage
RESET
Output
TPS767D3xx
SLVS209H – JULY 1999 – REVISED AUGUST 2008......................................................................................................................................................... www.ti.com
Figure 1. Typical Application Circuit (Fixed Versions) for Single Channel
(1)
VRES is the minimum input voltage for a valid RESET.
(2)
VIT —Trip voltage is typically 5% lower than the output voltage (95% VOUT).
6
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com