Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS767D301PWPR.B Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS767D301PWPR.B
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301PWPR.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS767D301PWPR.B Datasheet HTML 4Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 5Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 6Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 7Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 8Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 9Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 10Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 11Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
102
103
104
105
10−5
10−6
10−8
10−7
f
Frequency
Hz
-
-
V =4.3V
C
=10 F
T =+25 C
IN
OUT
A
m
°
I
=1A
OUT
I
=7mA
OUT
−40
0
20
120
103
−60
40
60
80 100
102
101
100
10−1
10−2
−20
140
T
Free-AirTemperature
A
-
-
C
°
V
=3.3V
C
=10 F
OUT
OUT
m
I
=0
OUT
I
=1A
OUT
I
=10mA
OUT
101
102
105
106
0
10−1
10−2
104
103
V =4.3V
C
=10 F
T =25 C
IN
OUT
A
m
°
I
=1A
OUT
I
=1mA
OUT
f
Frequency
Hz
-
-
5.3
60
40
20
80 100
140
120
160 180 200
0
4.3
10
0
−10
V
=3.3V
C
=10 F
OUT
OUT
m
T =+25 C
A
°
t
Time
-
- m
s
1
0.5
0
0
60
40
20
80 100
140
120
160 180 200
0
50
100
−50
−100
V
=1.8V
V =2.8V
C
=100 F
OUT
OUT
IN
A
m
T =+25 C
°
t
Time
-
- m
s
20
0
3.8
2.8
0
60
40
20
80 100
140
120
160 180 200
−20
V
=1.8V
I
=10mA
C
=10 F
OUT
OUT
OUT
A
m
T =+25 C
°
t
Time
-
- m
s
1
0.5
60
40
20
80 100
140
120
160 180 200
0
0
0
50
100
−50
−100
V
=3.3V
C
=100 F
OUT
OUT
m
T =+25 C
A
°
t
Time
-
- m
s
600
300
0
3
4
500
400
200
3.5
2.5
100
4.5
5
900
800
700
V
InputVoltage
V
I
-
-
T =+25 C
A
°
T =+125 C
A
°
T = 40 C
A
-
°
I
=1A
OUT
3
2
60
40
20
80 100
140
120
160 180 200
0
0
1
4
0
t
Time
-
- m
s
TPS767D3xx
SLVS209H – JULY 1999 – REVISED AUGUST 2008......................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
OUTPUT SPECTRAL NOISE DENSITY
OUTPUT IMPEDANCE
DROPOUT VOLTAGE
vs
vs
vs
FREQUENCY
FREQUENCY
FREE-AIR TEMPERATURE
Figure 11.
Figure 12.
Figure 13.
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 14.
Figure 15.
Figure 16.
OUTPUT VOLTAGE
DROPOUT VOLTAGE
vs
vs
LOAD TRANSIENT RESPONSE
TIME (AT START-UP)
INPUT VOLTAGE
Figure 17.
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com