Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7789 Datasheet(PDF) 63 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 63 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 316 page
background image
ST7789VI
Version 1.4
Page 63 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
Command write mode:
The command write protocol of 2-wire data lane serial interface is the same with the 3-line serial interface,
so users can ignore the input data of WRX.
Any instruction can be sent in any order to the driver. The MSB is transmitted first. The serial interface is
initialized when CSX is high. In this state, SCL clock pulse or SDA data have no effect. A falling edge on CSX
enables the serial interface and indicates the start of data transmission.
Figure 18 3-line serial interface write protocol (write to register with control bit in transmission)
SRAM write mode:
The SRAM write mode of 2-wire data line serial interface need use SDA pin and WRX pin to be data input
pins.
Read function:
The read mode of 2-wire data lane serial interface is the same with the 3-line serial interface and WRX
pin can be ignored. To achieve read function, the micro controller first has to send a command (read ID or
register command) and then the following byte is transmitted in the opposite direction. After that CSX is
required to go to high before a new command is send (see the below figure). The driver samples the SDA
(input data) at rising edge of SCL, but shifts SDA (output data) at the falling edge of SCL. Thus the micro
controller is supported to read at the rising edge of SCL.
After the read status command has been sent, the SDA line must be set to tri-state no later than at the
falling edge of SCL of the last bit.
3-line serial interface Ⅰ
Ⅰ
Ⅰ
Ⅰ/Ⅱ
Ⅱ
Ⅱ
Ⅱ protocol:
3-line serial protocol (for RDID1/RDID2/RDID3/0Ah/0Bh/0Ch/0Dh/0Eh/0Fh command: 8-bit read):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com