Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7789 Datasheet(PDF) 7 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 7 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 316 page
background image
ST7789VI
Version 1.4
Page 7 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.2.4
FRCTRL1 (B3h): Frame Rate Control 1 (In partial mode/ idle colors) ................................................. 263
9.2.5
PARCTRL (B5h): Partial mode Control.................................................................................................. 265
9.2.6
GCTRL (B7h): Gate Control................................................................................................................... 267
9.2.7
GTADJ (B8h): Gate On Timing Adjustment............................................................................................ 269
9.2.8
DGMEN (BAh): Digital Gamma Enable ................................................................................................ 271
9.2.9
VCOMS (BBh): VCOMS Setting ............................................................................................................. 272
9.2.10
LCMCTRL (C0h): LCM Control ........................................................................................................ 274
9.2.11
IDSET (C1h): ID Code Setting........................................................................................................... 275
9.2.12
VDVVRHEN (C2h): VDV and VRH Command Enable...................................................................... 276
9.2.13
VRHS (C3h): VRH Set........................................................................................................................ 277
9.2.14
VDVS (C4h): VDV Set........................................................................................................................ 279
9.2.15
VCMOFSET (C5h): VCOMS Offset Set ............................................................................................. 281
9.2.16
FRCTRL2 (C6h): Frame Rate Control in Normal Mode ................................................................... 283
9.2.17
CABCCTRL (C7h): CABC Control .................................................................................................... 285
9.2.18
REGSEL1 (C8h): Register Value Selection 1 ..................................................................................... 286
9.2.19
REGSEL2 (CAh): Register Value Selection 2..................................................................................... 287
9.2.20
PWMFRSEL (CCh): PWM Frequency Selection ............................................................................... 288
9.2.21
PWCTRL1 (D0h): Power Control 1 ................................................................................................... 289
9.2.22
VAPVANEN (D2h): Enable VAP/VAN signal output .......................................................................... 291
9.2.23
CMD2EN (DFh): Command 2 Enable............................................................................................... 292
9.2.24
PVGAMCTRL (E0h): Positive Voltage Gamma Control.................................................................... 293
9.2.25
NVGAMCTRL (E1h): Negative Voltage Gamma Control .................................................................. 295
9.2.26
DGMLUTR (E2h): Digital Gamma Look-up Table for Red ............................................................... 297
9.2.27
DGMLUTB (E3h): Digital Gamma Look-up Table for Blue.............................................................. 299
9.2.28
GATECTRL (E4h): Gate Control ....................................................................................................... 301
9.2.29
SPI2EN (E7h): SPI2 Enable .............................................................................................................. 303
9.2.30
PWCTRL2 (E8h): Power Control 2 ................................................................................................... 304
9.2.31
EQCTRL (E9h): Equalize time control .............................................................................................. 305
9.2.32
PROMCTRL (ECh): Program Mode Control..................................................................................... 307
9.2.33
PROMEN (FAh): Program Mode Enable........................................................................................... 308
9.2.34
NVMSET (FCh): NVM Setting ........................................................................................................... 309
9.2.35
PROMACT (FEh): Program action ................................................................................................... 310
10
APPLICATION ................................................................................................................................................... 311
10.1
CONFIGURATION OF POWER SUPPLY CIRCUIT ............................................................................................... 311
10.2
VOLTAGE GENERATION................................................................................................................................. 312
10.3
RELATIONSHIP ABOUT SOURCE VOLTAGE ...................................................................................................... 313
10.4
APPLIED VOLTAGE TO THE TFT PANEL ......................................................................................................... 314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com