Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53014DGS Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS53014DGS
Description  TPS53014 4.5-V to 28-V Input, D-CAP2™ synchronous buck controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53014DGS Datasheet(HTML) 5 Page - Texas Instruments

  TPS53014DGS Datasheet HTML 1Page - Texas Instruments TPS53014DGS Datasheet HTML 2Page - Texas Instruments TPS53014DGS Datasheet HTML 3Page - Texas Instruments TPS53014DGS Datasheet HTML 4Page - Texas Instruments TPS53014DGS Datasheet HTML 5Page - Texas Instruments TPS53014DGS Datasheet HTML 6Page - Texas Instruments TPS53014DGS Datasheet HTML 7Page - Texas Instruments TPS53014DGS Datasheet HTML 8Page - Texas Instruments TPS53014DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
TPS53014
www.ti.com
SLVSBF1A – MAY 2012 – REVISED FEBRUARY 2019
Product Folder Links: TPS53014
Submit Documentation Feedback
Copyright © 2012–2019, Texas Instruments Incorporated
(1)
Ensured by design. Not production tested.
6.4 Electrical Characteristics
over recommended free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IIN
VIN Supply current
VIN current, TA = 25°C, EN = 5V, VVFB = 0.8V,
VSW = 0 V
660
μA
IVINSDN
VIN Shutdown current
VIN current, TA = 25°C, No Load , VEN = 0V,
VREG5 = OFF
6.0
μA
VFB VOLTAGE and DISCHARGE RESISTANCE
VVFBTHL
VFB Threshold voltage
TA = 25°C , VOUT = 1.05 V
765.3
773.0
780.7
mV
TCVFB
VFB Temperature coefficient
Relative to TA = 25°C
(1)
-140
140
ppm/°C
IVFB
VFB Input current
VFB = 0.8V, TA = 25°C
-150
-10
100
nA
VREG5 OUTPUT
VVREG5
VREG5 Output voltage
TA=25°C, 6 V < VIN < 28 V, IVREG5 = 5 mA
5.1
V
IVREG5
Output current
VIN = 5.5V, VVREG5 = 4.0V, TA = 25°C
120
mA
OUTPUT: N-CHANNEL MOSFET GATE DRIVERS
RDRVH
DRVH resistance
Source, IDRVH = –50mA, TA = 25°C
3.2
4.7
Ω
Sink, IDRVH = 50mA, TA = 25°C
1.4
2.4
RDRVL
DRVL resistance
Source, IDRVL = –50mA, TA = 25°C
6.9
8.2
Ω
Sink, IDRVL = 50mA, TA = 25°C
0.8
1.7
TD
Dead time
DRVH-low to DRVL-on(1)
15
ns
DRVL-low to DRVH-on(1)
20
INTERNAL BOOST DIODE
VFBST
Forward voltage
VVREG5-VBST, IF = 10mA, TA = 25°C
0.1
0.2
V
SOFT START
Issc
SS Charge current
VSS = 0V , TA = 25°C
-7.36
-6.4
-5.44
μA
Issd
SS Discharge current
VSS = 0.5V , TA = 25°C
4.5
5.0
mA
TCISSC
ISSC Temperature coefficient
Relative to TA = 25°C
-4.5
4.5
nA/°C
UVLO
VUVVREG5
VREG5 UVLO threshold
VREG5 Rising
4.0
V
Hysteresis
0.3
LOGIC THRESHOLD
VENH
EN H-level threshold voltage
1.6
V
VENL
EN L-level threshold voltage
0.5
V
REN
EN pin resistance to GND
VEN = 12 V
225
450
900
kΩ
CURRENT SENSE
ITRIP
TRIP Source current
VDRVL = 0.1V, TA = 25°C
14.3
15
15.8
μA
TCVTRIP
VTRIP Temperature coefficient
Relative to TA = 25°C
4000
ppm/°C
VOCL
Current limit threshold
RTRIP = 75kΩ, TA = 25°C
234
336
424
mV
RTRIP = 27kΩ, TA = 25°C
121
174
220
RTRIP = 6.8kΩ, TA = 25°C
35
50
63
ON-TIME TIMER CONTROL
TON
On time
VOUT = 1.05 V
(1)
250
ns
TOFF(MIN)
Minimum off time
VIN = 4.5 V, VVFB = 0.7 V, TA = 25°C
230
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com