Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7538 Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD7538
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7538 Datasheet(HTML) 3 Page - Leadtrend Technology

  LD7538 Datasheet HTML 1Page - Leadtrend Technology LD7538 Datasheet HTML 2Page - Leadtrend Technology LD7538 Datasheet HTML 3Page - Leadtrend Technology LD7538 Datasheet HTML 4Page - Leadtrend Technology LD7538 Datasheet HTML 5Page - Leadtrend Technology LD7538 Datasheet HTML 6Page - Leadtrend Technology LD7538 Datasheet HTML 7Page - Leadtrend Technology LD7538 Datasheet HTML 8Page - Leadtrend Technology LD7538 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LD7538
3
Leadtrend Technology Corporation
LD7538-DS-00
November 2012
Block Diagram
Int.OSC
COMP
CS
OUT
internal bias &
Vref
PWM
Comparator
16.0V/
7.5V
Green-
Mode
Control
Leading
Edge
Blanking
2R
R
R
S
Q
Vref OK
PG
+
+
Slope
Compensation
28.5V
VCC
0.85V
OLP Delay
Counter
4.4V
OCP
Comparator
OLP
Comparator
VCC OVP
VCC OVP
UVLO
Comparator
Driver
Stage
VCC OVP
Comparator
R
S
Q
VCC OK
Protection
PG
Vbias
OLP
All
Blocks
GND
Protection
Latch
Latch
VBIAS
Duty
0.2V
CS OVP
OUT
Sample
Delay
VF
R
S
Q
Protection/L
atch
PG
OUT
OTP
Vbias
OTP Latch
Comparator
100 uA
1.05V/
0.95V
CS OVP
OTP
OTP
Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com