| Electronic Components Datasheet Search |
|
LD7538 Datasheet(PDF) 1 Page - Leadtrend Technology |
|
|
|||||||||||||||||||||||||||||
LD7538 Datasheet(HTML) 1 Page - Leadtrend Technology |
|
1 / 17 page ![]() LD7538 11/13/2012 1 Leadtrend Technology Corporation www.leadtrend.com.tw LD7538-DS-00 November 2012 Green-Mode PWM Controller with Frequency Swapping and Integrated Protections Rev. 00 General Description The LD7538 is built-in with several functions, protection and EMI-improved solution in a tiny package. It takes less components counts or circuit space, especially ideal for those total solutions of low cost. The implemented functions include low startup current, green-mode power-saving operation, leading-edge blanking of the current sensing and internal slope compensation. It also features more protections like OLP (Over Load Protection) and OVP (Over Voltage Protection) to prevent circuit damage occurred under abnormal conditions. Furthermore, the Frequency Swapping function is to reduce the noise level and thus helps the power circuit designers to easily deal with the EMI filter design by spending minimum amount of component cost and developing time. Features High-Voltage CMOS Process with Excellent ESD protection Very Low Startup Current (<14 A) Current Mode Control Green Mode Control UVLO (Under Voltage Lockout) LEB (Leading-Edge Blanking) on CS Pin Internal Frequency Swapping Internal Slope Compensation OVP (Over Voltage Protection) on Vcc Pin Adjustment OVP(Over Voltage Protection) on CS Pin Adjustment OCP(Over Current Protection) on CS Pin OTP (Over Temperature Protection) through a NTC OLP (Over Load Protection) 250/-500mA Driving Capability Applications Switching AC/DC Adaptor and Battery Charger Open Frame Switching Power Supply Typical Application EMI Filter OTP OUT CS/OVP VCC GND COMP LD7538 photocoupler AC input DC Output |
Similar Part No. - LD7538 |
|
Similar Description - LD7538 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |