Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SID1132K Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # SID1132K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1132K Datasheet(HTML) 4 Page - Power Integrations, Inc.

  SID1132K Datasheet HTML 1Page - Power Integrations, Inc. SID1132K Datasheet HTML 2Page - Power Integrations, Inc. SID1132K Datasheet HTML 3Page - Power Integrations, Inc. SID1132K Datasheet HTML 4Page - Power Integrations, Inc. SID1132K Datasheet HTML 5Page - Power Integrations, Inc. SID1132K Datasheet HTML 6Page - Power Integrations, Inc. SID1132K Datasheet HTML 7Page - Power Integrations, Inc. SID1132K Datasheet HTML 8Page - Power Integrations, Inc. SID1132K Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Rev. H 09/19
4
SID11x2K
www.power.com
Figure 9. Short-Circuit Protection using a Resistor Chain R
VCEX.
Figure 7.
Turn-Off Peak Output Current (Sink) vs. Ambient Temperature.
Conditions: VVCC = 5 V, V
TOT = 25 V, fS = 20 kHz, Duty Cycle = 50%
Figure 8. Turn-On and Turn-Off Peak Output Current vs. Secondary-Side Total
Supply Voltage (V
TOT). Conditions: VVCC = 5 V, TJ = 25 °C, RGH = 4 W,
RGL = 3.4 W, CLOAD = 100 nF, fS = 1 kHz, Duty Cycle = 50%.
-60 -40
-20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
RGH = 4 Ω, RGL = 3.4 Ω, CLOAD = 47 nF
RGH = 4 Ω, RGL = 3.4 Ω, CLOAD = 100 nF
RGH = RGL = 0 Ω, CLOAD = 47 nF
20
21
22
23
24
25
28
29
30
27
26
Secondary-Side Total Supply Voltage – VTOT (V)
7
6
5
4
3
2
1
0
IGH, Turn-On Peak Gate Current
IGL, Turn-Off Peak Gate Current
that can be achieved for a given supply voltage for same gate resistor
values, load capacitance and layout design.
Short-Circuit Protection
The SCALE-iDriver uses the semiconductor desaturation effect to
detect short-circuits and protects the device against damage by
employing an Advanced Soft Shut Down (ASSD) technique. Desatu-
ration can be detected using two different circuits, either with diode
sense circuitry D
VCE (Figure 10) or with resistors RVCEX (Figure 9). With
the help of a well stabilized V
VISO and a Schottky diode (DSTO) connected
between semiconductor gate and VISO pin the short-circuit current
value can be limited to a safe value.
During the off-state, the VCE pin is internally connected to the COM
pin and C
RES is discharged (red curve in Figure 11 represents the
potential of the VCE pin). When the power semiconductor switch
receives a turn-on command, the collector-emitter voltage (V
CE)
decreases from the off-state level same as the DC-link voltage to a
normally much lower on-state level (see blue curve in Figure 11) and
C
RES begins to be charged up to the VCE saturation level (VCE SAT). CRES
charging time depends on the resistance of R
VCEX (Figure 9), DC-link
voltage and C
RES and RVCE value. The VCE voltage during on-state is
continuously observed and compared with a reference voltage, V
DES.
The V
DES level is optimized for IGBT applications. As soon as VCE>VDES
(red circle in Figure 11), the driver turns off the power semiconductor
switch with a controlled collector current slope, limiting the V
CE
overvoltage excursions to below the maximum collector-emitter
voltage (V
CES). Turn-on commands during this time and during tSO are
ignored, and the SO pin is connected to GND.
The response time t
RES is the CRES charging time and describes the
delay between V
CE asserting and the voltage on the VCE pin rising
(see Figure 11). Response time should be long enough to avoid false
tripping during semiconductor turn-on and is adjustable via R
RES and
C
RES (Figure 10) or RVCE and CRES (Figure 9) values. It should not be
longer than the period allowed by the semiconductor manufacturer.
Safe Power-Up and Power-Down
During driver power-up and power-down, several unintended input /
output states may occur. In order to avoid these effects, it is
recommended that the IN pin is kept at logic low during power-up
and power-down. Any supply voltage related to VCC, VISO, VEE and
VGXX pins should be stabilized using ceramic capacitors C
1, CS1X, CS2X,
C
GXX respectively as shown in Figures 13 and 14. After supply
voltages reach their nominal values, the driver will begin to function
after a time delay t
START.
Short-Pulse Operation
If command signals applied to the IN pin are shorter than the minimum
specified by t
GE(MIN), then SCALE-iDriver output signals, GH and GL
pins, will extend to value t
GE(MIN). The duration of pulses longer than
t
GE(MIN) will not be changed.
PI-7952-080416
SCALE-iDriver
VCE
VGXX
VISO
GH
RVCEX
RVCE
DSTO
CGXX
RGOFF
Emitter
Collector
RGON
CRES
GL
VEE
COM
Gate RGINT
DCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com