Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SID1132K Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # SID1132K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1132K Datasheet(HTML) 2 Page - Power Integrations, Inc.

  SID1132K Datasheet HTML 1Page - Power Integrations, Inc. SID1132K Datasheet HTML 2Page - Power Integrations, Inc. SID1132K Datasheet HTML 3Page - Power Integrations, Inc. SID1132K Datasheet HTML 4Page - Power Integrations, Inc. SID1132K Datasheet HTML 5Page - Power Integrations, Inc. SID1132K Datasheet HTML 6Page - Power Integrations, Inc. SID1132K Datasheet HTML 7Page - Power Integrations, Inc. SID1132K Datasheet HTML 8Page - Power Integrations, Inc. SID1132K Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Rev. H 09/19
2
SID11x2K
www.power.com
Pin Functional Description
VCC Pin (Pin 1):
This pin is the primary-side supply voltage connection.
GND Pin (Pin 3-6):
This pin is the connection for the primary-side ground potential.
All primary-side voltages refer to the pin.
IN Pin (Pin 7):
This pin is the input for the logic command signal.
SO Pin (Pin 8):
This pin is the output for the logic fault signal (open drain).
NC Pin (Pin 9):
This pin must be un-connected. Minimum PCB pad size for soldering
is required.
VEE Pin (Pin 10):
Common (IGBT emitter/MOSFET source) output supply voltage.
VCE Pin (Pin 11):
This pin is the desaturation monitoring voltage input connection.
VGXX Pin (Pin 12):
This pin is the bootstrap and charge pump supply voltage source.
GH Pin (Pin 13):
This pin is the driver output – sourcing current (turn-on) connection.
VISO Pin (Pin 14):
This pin is the input for the secondary-side positive supply voltage.
COM Pin (Pin 15):
This pin provides the secondary-side reference potential.
GL Pin (Pin 16):
This pin is the driver output – sinking current (turn-off).
PI-7648-041415
9 NC
10 VEE
11 VCE
12 VGXX
13 GH
14 VISO
15 COM
16 GL
VCC 1
GND 3-6
IN 7
SO 8
Figure 4.
Pin Configuration.
Figure 3. Functional Block Diagram.
PI-7654-092216
IN
GND
VEE
COM
GL
GH
VISO
VISO
COM
VDES
VGXX
VCE
SO
VCC
FluxLink
TRANSCEIVER
(BIDIRECTIONAL)
CORE LOGIC
SUPPLY
MONITORING
AUXILIARY
POWER SUPPLIES
CORE LOGIC
SUPPLY
MONITORING
AUXILIARY
POWER SUPPLIES
TRANSCEIVER
(BIDIRECTIONAL)
LEVEL
SHIFTER
ASSD
VEE CONTROL
BOOTSTRAP
CHARGE PUMP
SHORT-CIRCUIT
DETECTION
+
VISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com