Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SID1182K Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button SID1182K Datasheet HTML 3Page - Power Integrations, Inc. SID1182K Datasheet HTML 4Page - Power Integrations, Inc. SID1182K Datasheet HTML 5Page - Power Integrations, Inc. SID1182K Datasheet HTML 6Page - Power Integrations, Inc. SID1182K Datasheet HTML 7Page - Power Integrations, Inc. SID1182K Datasheet HTML 8Page - Power Integrations, Inc. SID1182K Datasheet HTML 9Page - Power Integrations, Inc. SID1182K Datasheet HTML 10Page - Power Integrations, Inc. SID1182K Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Rev. H 09/19
7
SID11x2K
To avoid parasitic power-switch-conduction during system power-on,
the gate is connected to COM through 6.8 kW resistor.
Figure 13 shows how switch desaturation can be measured using
resistors R
VCE2 – RVCE11. In this example all the resistors have a value
of 100 kW and 1206 size. The total resistance is 1 MW. The resistors
should be chosen to limit current to between 0.6 mA to 0.8 mA at
maximum DC-link voltage. The sum of R
VCE2 – RVCE11 should be
approximately 1 MW for 1200 V semiconductors and 500 kW for 600 V
semiconductors. In each case the resistor string must provide
sufficient creepage and clearance distances between collector of the
semiconductor and SCALE-iDriver. The low leakage diode D
CL keeps
the short-circuit duration constant over a wide DC-link voltage range.
Response time is set up through R
VCE and CRES (typically 120 kW and
33 pF respectively for 1200 V semiconductors). If short-circuit
detection proves to be too sensitive, the C
RES value can be increased.
The maximum short-circuit duration must be limited to the maximum
value given in the semiconductor data sheet.
Figure 14 illustrates how diodes D
VCE1 and DVCE2 may be used to
measure switch desaturation. For insulation, two diodes in SMD
packages are used (STTH212U for example). R
RES connected to VISO
guarantees current flow through the diodes when the semiconductor
is in the on-state. When the switch desaturates, C
RES starts to be
charged through R
RES. In this configuration the response time is
controlled by R
RES and CRES. In this application example CRES = 33 pF
and R
RES = 62 kW; if desaturation is too sensitive or the short-circuit
duration too long, both C
RES and RRES can be adjusted.
Figure 15 shows the recommended PCB layout and corresponds to
the schematic in Figure 13. The PCB is a two layer design. It is
important to ensure that PCB traces do not cover the area below the
desaturation resistors or diodes D
VCE1 and DVCE2. This is a critical
design requirement to avoid coupling capacitance with the SCALE-
iDriver’s VCE pin and isolation issues within the PCB.
Gate resistors are located physically close to the power semiconductor
switch. As these components can get hot, it is recommended that
they are placed away from the SCALE-iDriver.
Power Dissipation and IC Junction
Temperature Estimation
First calculation in designing the power semiconductor switch gate
driver stage is to calculate the required gate power - P
DRV. The power
is calculated based on equation 1:
PQ
fV
DRV
GATES
TOT
##
=
(1)
where,
Q
GATE – Controlled power semiconductor switch gate charge (derived
for the particular gate potential range defined by V
TOT). See semicon-
ductor manufacturer data sheet.
ƒ
S – Switching frequency which is same as applied to the IN pin of
SCALE-iDriver.
V
TOT – SCALE-iDriver secondary-side supply voltage.
In addition to P
DRV, PP (primary-side IC power dissipation) and PSNL
(secondary-side IC power dissipation without capacitive load) must be
considered. Both are ambient temperature and switching frequency
dependent (see typical performance characteristics).
PV
I
VCCVCC
P
#
=
(2)
PV
I
TOTVISO
SNL
#
=
(3)
During IC operation, the P
DRV power is shared between turn-on (RGH),
turn-off (R
GL) external gate resistors and internal driver resistances
R
GHI and RGLI. For junction temperature estimation purposes, the
dissipated power under load (P
OL) inside the IC can be calculated
accordingly to equation 4:
.
V
RR
R
RR
R
PQ
f
05
OL
GATE
S
TOT
GHIGH
GHI
GHLGL
GHL
##
##
=
+
+
+
bl
(4)
R
GH and RGL represent sum of external (RGON, RGOFF) and power
semiconductor internal gate resistance (R
GINT):
RR
R
RR
R
GH
GONGINT
GL
GOFF
GINT
=+
=+
Total IC power dissipation (P
DIS) is estimated as sum of equations 2, 3
and 4:
PP
PP
DISOL
PSNL
=+
+
(5)
The operating junction temperature (T
J) for given ambient tempera-
ture (T
A) can be estimated according to equation 6:
TP
T
JJADIS
A
#
i
=+
(6)
Example
An example is given below,
ƒ
S = 20 kHz, TA = 85 °C, VTOT = 25 V, VVCC = 5 V.
Q
GATE = 2.5 µC (the gate charge value here should correspond to
selected V
TOT), RGINT = 2.5 W, RGON = RGOFF = 1.8 W.
P
DRV = 2.5 µC × 20 kHz × 25 V = 1.25 W, according to equation 1.
P
P = 5 V × 13.5 mA = 67 mW, according to equation 2 (see Figure 18).
P
SNL = 25 V × 7.5 mA = 185 mW, according to equation 3 (see Figure 20).
The dissipated power under load is:
..
..
.
..
.
.,
W
P0 52 5C
20 kHz25V
1454 3
145
12
43
12
03
OL
##
##
≅
n
XX
X
XX
X
=
+
+
+
bl
according to equation 4.
R
GHI = 1.45 W as maximum data sheet value.
R
GHL = 1.2 W as maximum data sheet value.
R
GH = RGL = 1.8 W + 2.5 W = 4.3 W.
P
DIS = 67 mW + 185 mW + 300 mW = 552 mW according to equation 5.
T
J = 67 °C/W × 552 mW + 85 °C = 122 °C according to equation 6.
Estimated junction temperature for this design would be approximately
122 °C and is lower than the recommended maximum value. As the
gate charge is not adjusted to selected V
TOT and internal IC resistor
values are maximum values, it is understood that the example
represents worst-case conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com