Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SID1182K Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button SID1182K Datasheet HTML 4Page - Power Integrations, Inc. SID1182K Datasheet HTML 5Page - Power Integrations, Inc. SID1182K Datasheet HTML 6Page - Power Integrations, Inc. SID1182K Datasheet HTML 7Page - Power Integrations, Inc. SID1182K Datasheet HTML 8Page - Power Integrations, Inc. SID1182K Datasheet HTML 9Page - Power Integrations, Inc. SID1182K Datasheet HTML 10Page - Power Integrations, Inc. SID1182K Datasheet HTML 11Page - Power Integrations, Inc. SID1182K Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Rev. H 09/19
8
SID11x2K
www.power.com
Table 2 describes the recommended capacitor and resistor
characteristics and layout requirements to achieve optimum
performances of SCALE-iDriver.
Pin
Return to Pin
Recommended
Value
Symbol
Notes
VCC
GND
4.7 µF
C
1
VCC blocking capacitor needs to be placed close to IC.
Enlarged loop could result in inadequate VCC supply
voltage during operation.
VISO
VEE
4.7 µF
C
S21/CS22
25V X7R type is recommended. Example part number
could be Murata 25 V part #GRM31CR71E475KA88.
This capacitor needs to be close to IC pins.
VEE
COM
4.7 µF
C
S11/CS12
25 V X7R type is recommended. Example part number
could be Murata 25 V part #GRM31CR71E-475KA88.
This capacitor needs to be close to IC pins.
VGXX
GH
10 nF
C
GXX
To avoid mis-operation, this pin should not be
connected to anything else. This capacitor needs to
be as close to IC pins as possible. 25 V X7R type is
recommended. Example part number could be Yageo
25 V part#CC0603KRX7R9BB103.
VCE
COM
33 pF
C
RES
Select C
RES to achieve needed desaturation protection
response time. 50 V COG/NPO is recommended. A
value of 33 pF is initially recommended. Example part
number could be KEMET 50 V part C0603C330J5GACTU.
Any net and any other layer should provide sufficient
distance to components C
RES in order to avoid parasitic
effects (capacitance)
VCE
R
VCE, DVCE, CRES,
R
RES, DCL
Select R
VCE or RRES for the proper operation of the
short-circuit protection. Any net and any other layer
should provide sufficient distance to components R
VCE,
D
VCE, RRES, and DCL in order to avoid parasitic effects.
Table 2. PCB Layout and Component Guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com