Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP5303 Datasheet(PDF) 7 Page - Injoinic Technology Co.,Ltd.

Part # IP5303
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5303 Datasheet(HTML) 7 Page - Injoinic Technology Co.,Ltd.

Back Button IP5303 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
7 / 28
Copyright © 2015, Injoinic Corp.
VBUS =5V, input current
2.8
A
VIN or VBUS >=7V, input power
18
W
Trickle Charge Current
ITRKL
VIN=5V,BAT<1.5V
50
100
150
mA
VIN=5V,1.5V<=BAT<3.0V
100
250
400
mA
Trickle
Charge
Stop
Voltage
VTRKL
2.9
3
3.1
V
Charge Stop Current
ISTOP
200
300
400
mA
Recharge
Voltage
Threshold
VRCH
4.08
4.1
4.13
V
Charge Safety Time
TEND
20
24
27
Hour
Boost System
Battery
operation
voltage
VBAT
3.0
4.5
V
Battery input current
IBAT
VBAT=3.7V,VOUT=5.1V,fs=375KHz
3
5
mA
DC output voltage
QC2.0
VOUT
VOUT=5V@1A
4.95
5.12
5.23
V
VOUT=9V@1A
8.75
9
9.25
V
VOUT=12V@1A
11.75
12
12.25
V
QC3.0
VOUT
@1A
4.95
12.25
V
QC3.0
Step
200
mV
Output voltage ripple
ΔVOUT
VBAT=3.7V,VOUT=5.0V,fs=375KHz
100
mV
Boost output current
Iout
VOUT=5V
3.1
A
VOUT=9V
2.0
A
VOUT=12V
1.5
A
Boost efficiency
ηout
VBAT=3V,VOUT=5V,IOUT=2A
95
%
VBAT=3V,VOUT=9V,IOUT=2A
92
%
VBAT=3V,VOUT=12V,IOUT=1.5A
90.8
%
Boost overcurrent shut
down threshold
Ishut
VBAT=3.7V, 10mohm sample resistor
at output
3.5
3.8
4.0
A
Load
overcurrent
detect time
TUVD
Duration of output voltage under
4.2V
30
ms
Load
short
circuit
detect time
TOCD
Duration of output current above
4.2A
150
200
us
Control System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com