Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP5303 Datasheet(PDF) 17 Page - Injoinic Technology Co.,Ltd.

Part # IP5303
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5303 Datasheet(HTML) 17 Page - Injoinic Technology Co.,Ltd.

Back Button IP5303 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
17 / 28
Copyright © 2015, Injoinic Corp.
50%≤C<75%
ON
ON
ON
OFF
25%≤C<50%
ON
ON
OFF
OFF
3%≤C<25%
ON
OFF
OFF
OFF
0%<C<3%
1.0Hz Flash
OFF
OFF
OFF
C=0%
OFF
OFF
OFF
OFF
3 LED display:
During charging:
Battery capacity (C) (%)
D1
D2
D3
Fully charged
ON
ON
ON
66%≤C
ON
ON
1.5Hz Flash
33%≤C<66%
ON
1.5Hz Flash
OFF
C<25%
1.5Hz Flash
OFF
OFF
During discharging:
Battery capacity (C) (%)
D1
D2
D3
C≥66%
ON
ON
ON
33%≤C<66%
ON
ON
OFF
3%≤C<33%
ON
OFF
OFF
0%<C<3%
1.0Hz Flash
OFF
OFF
C=0%
OFF
OFF
OFF
2 LED display mode 1 is bi-color LED:
During charging:
Battery capacity (C) (%)
D1
D2
Fully charged
OFF
ON
66%≤C<100%
OFF
1.5Hz Flash
33%≤C<66%
1.5Hz Flash
1.5Hz Flash
C<33%
1.5Hz Flash
OFF
During discharging:
Battery capacity (C) (%)
D1
D2
66%≤C<100%
OFF
ON
33%≤C<66%
ON
ON
C<33%
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com