Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3203024 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3203024
Description  AI 0,25- 6 YE - Ferrule
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3203024 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3203024 Datasheet HTML 1Page - PHOENIX CONTACT 3203024 Datasheet HTML 2Page - PHOENIX CONTACT 3203024 Datasheet HTML 3Page - PHOENIX CONTACT 3203024 Datasheet HTML 4Page - PHOENIX CONTACT 3203024 Datasheet HTML 5Page - PHOENIX CONTACT 3203024 Datasheet HTML 6Page - PHOENIX CONTACT 3203024 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ferrule, Length contact range: 6 mm, sleeve length: 10.5 mm, color: yellow
Your advantages
The ferrules with plastic sleeve are made from soft tin-plated electrolytic copper
•
The AI 0,25.. ferrules can also be used to process 0.14 mm² conductors
•
Commercial data
Item number
3203024
Packing unit
100 pc
Minimum order quantity
100 pc
Sales key
BH34
Product key
BH3411
GTIN
4046356012973
Weight per piece (including packing)
0.051 g
Weight per piece (excluding packing)
0.05 g
Customs tariff number
85369010
Country of origin
DE
AI 0,25- 6 YE - Ferrule
3203024
https://www.phoenixcontact.com/us/products/3203024
Sep 1, 2025, 8:10AM
Page 1 (7)


Similar Part No. - 3203024

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3203024 PHOENIX-3203024 Datasheet
143Kb / 4P
Ferrules With Insulating Collar According to DIN 46228-4
More results

Similar Description - 3203024

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200111 PHOENIX-3200111 Datasheet
65Kb / 3P
Ferrule - AI 6 -18 GN
3200632 PHOENIX-3200632 Datasheet
96Kb / 3P
AI 0,25-12 BU
3200700 PHOENIX-3200700 Datasheet
61Kb / 3P
Ferrule - AI 25 -22 YE
3200852 PHOENIX-3200852 Datasheet
69Kb / 2P
AI 0,25- 8 YE
3201291 PHOENIX-3201291 Datasheet
90Kb / 3P
AI 0,25- 6 BU
3201364 PHOENIX-3201364 Datasheet
45Kb / 3P
Ferrule - AI 0,25- 8 BU
3201589 PHOENIX-3201589 Datasheet
66Kb / 3P
Ferrule - AI 1 - 8 YE-B
3202465 PHOENIX-3202465 Datasheet
56Kb / 2P
Ferrule - A 0,25- 5
3240250 PHOENIX-3240250 Datasheet
47Kb / 3P
Ferrule - AI 0,25-8 BU-B
3241128 PHOENIX-3241128 Datasheet
44Kb / 2P
Ferrule - AI 0,25-10 YE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com