Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3203024 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3203024
Description  AI 0,25- 6 YE - Ferrule
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3203024 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3203024 Datasheet HTML 1Page - PHOENIX CONTACT 3203024 Datasheet HTML 2Page - PHOENIX CONTACT 3203024 Datasheet HTML 3Page - PHOENIX CONTACT 3203024 Datasheet HTML 4Page - PHOENIX CONTACT 3203024 Datasheet HTML 5Page - PHOENIX CONTACT 3203024 Datasheet HTML 6Page - PHOENIX CONTACT 3203024 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Cable end sleeve
UL certified
Made from soft tin-plated electrolytic copper
Correspond to the requirements of DIN 46228-1 and UL 486F in
terms of size
Plastic collar made of polypropylene
Halogen-free
Product property
Long/short-term temperature: +105°C/+120°C
Connection data
Conductor connection
Conductor cross-section flexible max.
0.25 mm²
Conductor cross-section AWG max.
24
Stripping length
8 mm
Dimensions
Dimensional drawing
Sleeve length
10.5 mm
Length contact range
6 mm
Maximum stripping length
8 mm
Ferrule diameter
0.8 mm
Sleeve wall thickness
0.15 mm
Insulating collar thickness
0.25 mm
Inner dimensions of the insulating collar
2 mm
Material specifications
Color
yellow (RAL 1018)
Material
CU-DHP
Flammability rating according to UL 94
HB
Coating
galvanically tin-plated
Surface characteristics
Tin-plated
Components
free from silicone and halogen
Mechanical properties
Technical data
Sleeve length
10.5 mm
AI 0,25- 6 YE - Ferrule
3203024
https://www.phoenixcontact.com/us/products/3203024
Sep 1, 2025, 8:10AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com