Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54972PWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS54972PWPR
Description  9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54972PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54972PWPR Datasheet HTML 14Page - Texas Instruments TPS54972PWPR Datasheet HTML 15Page - Texas Instruments TPS54972PWPR Datasheet HTML 16Page - Texas Instruments TPS54972PWPR Datasheet HTML 17Page - Texas Instruments TPS54972PWPR Datasheet HTML 18Page - Texas Instruments TPS54972PWPR Datasheet HTML 19Page - Texas Instruments TPS54972PWPR Datasheet HTML 20Page - Texas Instruments TPS54972PWPR Datasheet HTML 21Page - Texas Instruments TPS54972PWPR Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.ti.com
GENERIC PACKAGE VIEW
This image is a representation of the package family, actual package may vary.
Refer to the product data sheet for package details.
TSSOP - 1.2 mm max height
TM
PowerPAD
PWP 28
SMALL OUTLINE PACKAGE
4.4 x 9.7, 0.65 mm pitch
4224765/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com