Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54972PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS54972PWPR
Description  9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54972PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54972PWPR Datasheet HTML 3Page - Texas Instruments TPS54972PWPR Datasheet HTML 4Page - Texas Instruments TPS54972PWPR Datasheet HTML 5Page - Texas Instruments TPS54972PWPR Datasheet HTML 6Page - Texas Instruments TPS54972PWPR Datasheet HTML 7Page - Texas Instruments TPS54972PWPR Datasheet HTML 8Page - Texas Instruments TPS54972PWPR Datasheet HTML 9Page - Texas Instruments TPS54972PWPR Datasheet HTML 10Page - Texas Instruments TPS54972PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0
5
10
15
20
25
–40
0
25
85
125
VI = 3.6 V
IO = 9 A
TJ – Junction T emperature – °C
250
350
450
550
650
750
–40
0
25
85
125
TJ – Junction Temperature – °C
RT = Open
0
5
10
15
20
25
–40
0
25
85
125
VIN = 3.0 V
IO = 9 A
TJ – Junction T emperature – °C
200
300
400
500
600
700
800
–40
0
25
85
125
TJ – Junction Temperature – °C
RT = 68 kΩ
RT = 100 kΩ
RT = 180 kΩ
IL – Load Current – A
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
16
VI = 3.3 V
TJ = 125°C
fS = 700kHz
2.75
2.90
3.05
3.20
3.35
3.50
3.65
–40
0
25
85
125
TJ – Junction Temperature – °C
3.80
–20
0
20
40
60
80
100
120
140
1
100
1 k
1 M
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
10
10 k
100 k
10 M
f – Frequency – Hz
Phase
Gain
RL = 10 kΩ,
CL = 160 pF,
TA = 25°C
TPS54972
www.ti.com
SLVS437B – AUGUST 2002 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS
DRAIN-SOURCE ON-STATE
DRAIN-SOURCE ON-STATE
INTERNALLY SET OSCILLATOR
RESISTANCE
RESISTANCE
FREQUENCY
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
EXTERNALLY SET OSCILLATOR
FREQUENCY
DEVICE POWER LOSSES
INTERNAL SLOW-START TIME
vs
vs
vs
JUNCTION TEMPERATURE
LOAD CURRENT
JUNCTION TEMPERATURE
Figure 4.
Figure 5.
Figure 6.
ERROR AMPLIFIER
OPEN LOOP RESPONSE
Figure 7.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com