Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54616MPWPREP Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS54616MPWPREP
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54616MPWPREP Datasheet(HTML) 2 Page - Texas Instruments

  TPS54616MPWPREP Datasheet HTML 1Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 2Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 3Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 4Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 5Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 6Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 7Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 8Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
VIN
PH
BOOT
PGND
VSENSE
Output
AGND
VBIAS
Input
TPS54614
SIMPLIFIED SCHEMATIC
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
Load Current − A
EFFICIENCY AT 350 kHz
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
VSENSE
NC
PWRGD
BOOT
PH
PH
PH
PH
PH
PH
PH
PH
PH
RT
FSEL
SS/ENA
VBIAS
VIN
VIN
VIN
VIN
VIN
PGND
PGND
PGND
PGND
PGND
PWP PACKAGE
(TOP VIEW)
THERMAL
PAD
TPS54611-EP, TPS54612-EP
TPS54613-EP, TPS54614-EP
TPS54615-EP, TPS54616-EP
SGLS293A – FEBRUARY 2005 – REVISED AUGUST 2005
AVAILABLE OPTIONS
PACKAGED DEVICES
TJ
OUTPUT VOLTAGE
PLASTIC HTSSOP
(PWP)(1)
0.9 V
TPS54611MPWPREP(2)
1.2 V
TPS54612MPWPREP(2)
1.5 V
TPS54613MPWPREP
–55
°C to 125°C
1.8 V
TPS54614MPWPREP(2)
2.5 V
TPS54615MPWPREP
3.3 V
TPS54616MPWPREP(2)
(1)
The PWP package is taped and reeled as denoted by the R suffix on the device type (i.e., TPS54616MPWPREP). See the application
section of this data sheet for the PowerPAD drawing and layout information.
(2)
Product Preview
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com